Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6118HIB Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6118HIB
Description  Dual Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6118HIB Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6118HIB Datasheet HTML 1Page - Intersil Corporation ISL6118HIB Datasheet HTML 2Page - Intersil Corporation ISL6118HIB Datasheet HTML 3Page - Intersil Corporation ISL6118HIB Datasheet HTML 4Page - Intersil Corporation ISL6118HIB Datasheet HTML 5Page - Intersil Corporation ISL6118HIB Datasheet HTML 6Page - Intersil Corporation ISL6118HIB Datasheet HTML 7Page - Intersil Corporation ISL6118HIB Datasheet HTML 8Page - Intersil Corporation ISL6118HIB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Simplified Block Diagram
GND
VIN
EN_1
EN_2
FAULT_2
OUT_2
OUT_1
FAULT_1
Q-PUMP
CURRENT AND TEMP.
POR
CHANNEL 1 LIKE CHANNEL 2
MONITORING, GATE AND
OUTPUT CONTROL
LOGIC
Pin Descriptions
PIN NO.
DESIGNATOR
FUNCTION
DESCRIPTION
1
GND
IC Reference
2
VIN
Chip Bias, Controlled
Supply Input,
Undervoltage Lock-Out
VIN provides chip bias voltage. At VIN < 2.5V chip functionality is disabled, FAULT_X latch
is cleared and floating and OUT is held low.
3, 4
ENABLE_1, 2/
ENABLE_1, 2
Channel Enable/
Enable not Inputs
Enables/Disables switch.
5, 8
FAULT OUT_2, 1 Channel 2, 1
Overcurrent Fault not
Indicator
Channel overcurrent fault-not indicator. FAULT floats and is disabled until VIN > 2.5V. This
output is pulled low after the OC timeout period has expired and stays latched until ENABLE
is deasserted.
6, 7
OUT_2, 1
Channel 2,1 Controlled
Supply Output
Channel voltage output, connect to load to protect. Upon an OC condition OUT is current
limited to 0.6A. Current limit response time is within 200µs. This output will remain in current
limit for a determined time before being latched off.
ISL6118


Similar Part No. - ISL6118HIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6118HIB RENESAS-ISL6118HIB Datasheet
638Kb / 10P
   Dual Power Supply Controller
ISL6118HIBZA RENESAS-ISL6118HIBZA Datasheet
638Kb / 10P
   Dual Power Supply Controller
More results

Similar Description - ISL6118HIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com