Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QEA4436RBG-19IB0 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R1QEA4436RBG-19IB0
Description  144-Mbit DDR?줚I SRAM 2-word Burst Architecture ( 2.5 Cycle Read latency ) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QEA4436RBG-19IB0 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R1QEA4436RBG-19IB0 Datasheet HTML 6Page - Renesas Technology Corp R1QEA4436RBG-19IB0 Datasheet HTML 7Page - Renesas Technology Corp R1QEA4436RBG-19IB0 Datasheet HTML 8Page - Renesas Technology Corp R1QEA4436RBG-19IB0 Datasheet HTML 9Page - Renesas Technology Corp R1QEA4436RBG-19IB0 Datasheet HTML 10Page - Renesas Technology Corp R1QEA4436RBG-19IB0 Datasheet HTML 11Page - Renesas Technology Corp R1QEA4436RBG-19IB0 Datasheet HTML 12Page - Renesas Technology Corp R1QEA4436RBG-19IB0 Datasheet HTML 13Page - Renesas Technology Corp R1QEA4436RBG-19IB0 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
R1QEA4436RBG, R1QEA4418RBG
Datasheet
R10DS0142EJ0200 Rev.2.00
Page 10 of 30
Aug 01, 2014
Programmable Output Impedance
1.
Output buffer impedance can be programmed by terminating the ZQ ball to VSS through a precision resistor (RQ).
The value of RQ is five times the output impedance desired. The allowable range of RQ to guarantee impedance
matching with a tolerance of 15% is between 175
Ω and 350 Ω. The total external capacitance of ZQ ball must be
less than 7.5 pF.
QVLD (Valid data indicator)
1.
QVLD is provided on the QDR-II+ and DDR-II+ to simplify data capture on high speed systems. The Q Valid
indicates valid output data. QVLD is activated half cycle before the read data for the receiver to be ready for
capturing the data. QVLD is inactivated half cycle before the read finish for the receiver to stop capturing the data.
QVLD is edge aligned with CQ and /CQ.
ODT (On Die Termination)
1.
To reduce reflection which produces noise and lowers signal quality, the signals should be terminated, especially
at high frequency. Renesas offers ODT on the input signals to QDR-II+ and DDR-II+ family of devices.
2.
The ODT termination values tracks the value of RQ. The ODT range is selected by ODT control input.
3.
In DDR-II+ devices having common I/O bus, ODT is automatically enabled when the device inputs data and
disabled when the device outputs data.
4.
There is no difference in AC timing characteristics between the SRAMs with ODT and SRAMs without ODT.
5.
There is no increase in the IDD of SRAMs with ODT, however, there is an increase in the IDDQ (current
consumption from the I/O voltage supply) with ODT.
ODT range
ODT control pin
Thevenin equivalent resistance (RTHEV)
Unit
Notes
Low
0.3 x RQ
Ω
1,3
High
0.6 x RQ
Ω
2
Floating
0.6 x RQ
Ω
2
Notes:
1. Allowable range of RQ to guarantee impedance matching a tolerance of
± 20 % is 175 Ω ≤ RQ ≤ 350Ω.
2. Allowable range of RQ to guarantee impedance matching a tolerance of
± 20 % is 175 Ω ≤ RQ ≤ 250 Ω.
3. ODT control pin is connected to VDDQ through 3.5 kΩ. Therefore it is recommended to connect it to
VSS through less than 100 Ω to make it low.


Similar Part No. - R1QEA4436RBG-19IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QEA4436RBG RENESAS-R1QEA4436RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QEA4436RBG-19IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QLA4436RBG RENESAS-R1QLA4436RBG_15 Datasheet
955Kb / 31P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QBA4436RBG RENESAS-R1QBA4436RBG_15 Datasheet
917Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
R1QDA4436RBG RENESAS-R1QDA4436RBG_15 Datasheet
999Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
R1QPA4436RBG RENESAS-R1QPA4436RBG_15 Datasheet
936Kb / 31P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
R1QKA4436RBG RENESAS-R1QKA4436RBG_15 Datasheet
967Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture(2.0 Cycle Read latency) with ODT
R1QAA4436RBG RENESAS-R1QAA4436RBG_15 Datasheet
931Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C21701KV18 CYPRESS-CY7C21701KV18 Datasheet
771Kb / 24P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA_15 Datasheet
887Kb / 31P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com