Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QNA4436RBG-33IB0 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1QNA4436RBG-33IB0
Description  144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QNA4436RBG-33IB0 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1QNA4436RBG-33IB0 Datasheet HTML 5Page - Renesas Technology Corp R1QNA4436RBG-33IB0 Datasheet HTML 6Page - Renesas Technology Corp R1QNA4436RBG-33IB0 Datasheet HTML 7Page - Renesas Technology Corp R1QNA4436RBG-33IB0 Datasheet HTML 8Page - Renesas Technology Corp R1QNA4436RBG-33IB0 Datasheet HTML 9Page - Renesas Technology Corp R1QNA4436RBG-33IB0 Datasheet HTML 10Page - Renesas Technology Corp R1QNA4436RBG-33IB0 Datasheet HTML 11Page - Renesas Technology Corp R1QNA4436RBG-33IB0 Datasheet HTML 12Page - Renesas Technology Corp R1QNA4436RBG-33IB0 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
R1QNA4436RBG,R1QNA4418RBG
Datasheet
R10DS0148EJ0200 Rev.2.00
Page 9 of 29
Aug 01, 2014
Status
Power Up &
Unstable Stage
NOP &
Set-up Stage
Normal
Operation
V
DD
SET-UP Cycle
V
DDQ
V
REF
/DOFF
K, /K
Fix High (=Vddq)
Power-up and Initialization Sequence
VDD must be stable before K, /K clocks are applied.
- Recommended voltage application sequence : VSS → VDD → VDDQ & VREF → VIN. (0 V to VDD, VDDQ < 200 ms)
- Apply VREF after VDDQ or at the same time as VDDQ.
- Then execute either one of the following sequences.
1. Single Clock Mode
- Drive /DOFF high (/DOFF can be tied high from the start).
- Then provide stable clocks (K, /K) for at least 20 us.
2. PLL Off Mode (/DOFF tied low)
- In the "NOP and setup stage", provide stable clocks (K, /K) for at least 20 us.
PLL Constraints
1.
These chips use the PLL. The clock input should have low phase jitter which is specified as tKC var.
2.
The lower end of the frequency at which the PLL can operate is 250 MHz.
(Please refer to AC Characteristics table for detail.)
3.
When the operating frequency is changed or /DOFF level is changed, setup cycles are required again.


Similar Part No. - R1QNA4436RBG-33IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QNA4436RBG RENESAS-R1QNA4436RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QNA4436RBG-33IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QGA4436RBG RENESAS-R1QGA4436RBG_15 Datasheet
930Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
R1QPA4436RBG RENESAS-R1QPA4436RBG_15 Datasheet
936Kb / 31P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QAA4436RBG RENESAS-R1QAA4436RBG_15 Datasheet
931Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
R1QKA4436RBG RENESAS-R1QKA4436RBG_15 Datasheet
967Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture(2.0 Cycle Read latency) with ODT
R1QBA4436RBG RENESAS-R1QBA4436RBG_15 Datasheet
917Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
R1QLA4436RBG RENESAS-R1QLA4436RBG_15 Datasheet
955Kb / 31P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QDA4436RBG RENESAS-R1QDA4436RBG_15 Datasheet
999Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C1141V18 CYPRESS-CY7C1141V18 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com