Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJE0616JSP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJE0616JSP
Description  -60V, -4A Silicon P Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJE0616JSP Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJE0616JSP_15 Datasheet HTML 1Page - Renesas Technology Corp RJE0616JSP_15 Datasheet HTML 2Page - Renesas Technology Corp RJE0616JSP_15 Datasheet HTML 3Page - Renesas Technology Corp RJE0616JSP_15 Datasheet HTML 4Page - Renesas Technology Corp RJE0616JSP_15 Datasheet HTML 5Page - Renesas Technology Corp RJE0616JSP_15 Datasheet HTML 6Page - Renesas Technology Corp RJE0616JSP_15 Datasheet HTML 7Page - Renesas Technology Corp RJE0616JSP_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS1234EJ0200 Rev.2.00
Page 1 of 7
Oct 27, 2014
Preliminary Datasheet
RJE0616JSP
-60V, -4A Silicon P Channel Thermal FET
Power Switching
Description
This FET has the over temperature shut-down capability sensing to the junction temperature. This FET has the built-in
over temperature shut-down circuit in the gate area. And this circuit operation to shut-down the gate voltage in case of
high junction temperature like applying over power consumption, over current etc..
Features
• For Automotive applications
• Built-in the over temperature shut-down circuit.
• High endurance capability against to the short circuit.
• Latch type shut down operation (need 0 voltage recovery).
• Built-in the current limitation circuit.
• Low on-resistance R
DS(on) : 77 m
Ω Typ, 90 mΩ Max (V
GS = –10 V)
• High density mounting
• AEC-Q101 compliant
Outline
1 2
3
4
5
6
7
8
1, 2, 3
Source
4
Gate
5, 6, 7, 8
Drain
RENESAS Package code: PRSP0008DD-D
(Package name: SOP-8)
D
S
G
4
1
58
D
6
D
7
D
Gate Resistor
Temperature
Sensing
Circuit
Latch
Circuit
Gate
Shut-down
Circuit
Current
Limitation
Circuit
S
3
S
2
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
–60
V
Gate to source voltage
VGSS
–16
V
VGSS
2.5
V
Drain current
ID
Note3
–4
A
Body-drain diode reverse drain current
IDR
–4
A
Avalanche current
IAP
Note 2
–4
A
Avalanche energy
EAR
Note 2
68.6
mJ
Channel dissipation
Pch
Note 1
2.5
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1
When using the glass epoxy board (FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
2. Tch = 25
°C, Rg ≥ 50 Ω
3. It provides by the current limitation lower bound value.
R07DS1234EJ0200
(Previous: REJ03G1944-0100)
Rev.2.00
Oct 27, 2014


Similar Part No. - RJE0616JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJE0616JSP-00-J3 RENESAS-RJE0616JSP-00-J3 Datasheet
99Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
More results

Similar Description - RJE0616JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJG0601JSP RENESAS-RJG0601JSP Datasheet
394Kb / 13P
   ±60V, ±1.5A, N Channel, P Channel Thermal FET Power Switching
Nov 01, 2016
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0609JSP RENESAS-RJF0609JSP Datasheet
281Kb / 8P
   60V - 1.5V Silicon N Channel Thermal FET Power Switching
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
RJF0619JPD RENESAS-RJF0619JPD_15 Datasheet
155Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_15 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com