Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMLV0408E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RMLV0408E
Description  4Mb Advanced LPSRAM (512-kword8-bit)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMLV0408E Datasheet(HTML) 5 Page - Renesas Technology Corp

  RMLV0408E_15 Datasheet HTML 1Page - Renesas Technology Corp RMLV0408E_15 Datasheet HTML 2Page - Renesas Technology Corp RMLV0408E_15 Datasheet HTML 3Page - Renesas Technology Corp RMLV0408E_15 Datasheet HTML 4Page - Renesas Technology Corp RMLV0408E_15 Datasheet HTML 5Page - Renesas Technology Corp RMLV0408E_15 Datasheet HTML 6Page - Renesas Technology Corp RMLV0408E_15 Datasheet HTML 7Page - Renesas Technology Corp RMLV0408E_15 Datasheet HTML 8Page - Renesas Technology Corp RMLV0408E_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RMLV0408E Series
R10DS0206EJ0100 Rev.1.00
Page 5 of 10
2014.2.27
AC Characteristics
Test Conditions (Vcc = 2.7V ~ 3.6V, Ta = -40 ~ +85°C)
 Input pulse levels: VIL = 0.4V, VIH = 2.4V
 Input rise and fall time: 5ns
 Input and output timing reference level: 1.4V
 Output load: See figures (Including scope and jig)
Read Cycle
Parameter
Symbol
Min.
Max.
Unit
Note
Read cycle time
tRC
45
ns
Address access time
tAA
45
ns
Chip select access time
tACS
45
ns
Output enable to output valid
tOE
22
ns
Output hold from address change
tOH
10
ns
Chip select to output in low-Z
tCLZ
10
ns
7,8
Output enable to output in low-Z
tOLZ
5
ns
7,8
Chip deselect to output in high-Z
tCHZ
0
18
ns
7,8,9
Output disable to output in high-Z
tOHZ
0
18
ns
7,8,9
Write Cycle
Parameter
Symbol
Min.
Max.
Unit
Note
Write cycle time
tWC
45
ns
Address valid to write end
tAW
35
ns
Chip select to write end
tCW
35
ns
Write pulse width
tWP
35
ns
10
Address setup time to write start
tAS
0
ns
Write recovery time from write end
tWR
0
ns
Data to write time overlap
tDW
25
ns
Data hold from write end
tDH
0
ns
Output enable from write end
tOW
5
ns
7
Output disable to output in high-Z
tOHZ
0
18
ns
7,9
Write to output in high-Z
tWHZ
0
18
ns
7,9
Note
7. This parameter is sampled and not 100% tested.
8. At any given temperature and voltage condition, tCHZ max is less than tCLZ min, and tOHZ max is less than tOLZ
min, for any device.
9.
tCHZ, tOHZ and tWHZ are defined as the time when the I/O pins enter a high-impedance state and are not
referred to the I/O levels.
10. tWP is the interval between write start and write end.
A write starts when both of CS# and WE# become active
A write is performed during the overlap of a low CS#, a low WE#
A write ends when any of CS#, WE# becomes inactive.
I/O
1.4V
RL = 500 ohm
CL = 30 pF


Similar Part No. - RMLV0408E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0408E RENESAS-RMLV0408E_16 Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
More results

Similar Description - RMLV0408E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0408E RENESAS-RMLV0408E_16 Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
R1LP0408D RENESAS-R1LP0408D_15 Datasheet
293Kb / 13P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
R1LP0408D RENESAS-R1LP0408D Datasheet
292Kb / 13P
   4Mb Advanced LPSRAM (512-kword × 8-bit)
2012.5.30
RMLV0416E RENESAS-RMLV0416E_15 Datasheet
368Kb / 15P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0414E RENESAS-RMLV0414E_15 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0414E RENESAS-RMLV0414E_16 Datasheet
468Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0416E RENESAS-RMLV0416E_16 Datasheet
475Kb / 15P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
R10DS0216EJ0100 RENESAS-R10DS0216EJ0100 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com