Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6152CB Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6152CB
Description  Negative Voltage Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6152CB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6152CB Datasheet HTML 4Page - Intersil Corporation ISL6152CB Datasheet HTML 5Page - Intersil Corporation ISL6152CB Datasheet HTML 6Page - Intersil Corporation ISL6152CB Datasheet HTML 7Page - Intersil Corporation ISL6152CB Datasheet HTML 8Page - Intersil Corporation ISL6152CB Datasheet HTML 9Page - Intersil Corporation ISL6152CB Datasheet HTML 10Page - Intersil Corporation ISL6152CB Datasheet HTML 11Page - Intersil Corporation ISL6152CB Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
AC TIMING
OV High to GATE Low
tPHLOV
Figures 2A, 3A
0.6
1.6
3.0
µs
OV Low to GATE High
tPLHOV
Figures 2A, 3A
1.0
7.8
12.0
µs
UV Low to GATE Low
tPHLUV
Figures 2A, 3B
0.6
1.3
3.0
µs
UV High to GATE High
tPLHUV
Figures 2A, 3B
1.0
8.4
12.0
µs
DIS Low to GATE Low
tPHLDIS
Figure 2A, 7
0.6
µs
DIS High to GATE High
tPLHDIS
Figure 2A, 7
2.5
µs
GATE Low (Over-Current) to FAULT Low
tPHLGF
Figure 2A, 8
0.5
µs
ISOUT Rise Time
tR
Figure 2A, 12
1.2
µs
ISOUT Fall Time
tF
Figure 2A, 12
4.0
µs
SENSE High to GATE Low
tPHLSENSE Figures 2A, 9
1
3
µs
Current Limit to GATE Low
tPHLCB
Figures 2B, 11, Effective Capacitance During
Test = 2550pF
1200
µs
Hard Fault to GATE Low (200mV comparator)
Typical GATE shutdown based on application ckt.
Guaranteed by design.
tPHLHF
Figures 10, 20, 33
10.0
µs
ISL6142 (L Version)
DRAIN Low to PWRGD Low (Active)
tPHLDL
Figures 2A, 4A
0.1
3.1
5.0
µs
DRAIN High to PWRGD High (Inactive)
tPLHDH
Figure 2A, 6A
0.2
µs
GATE High to PWRGD Low (Active)
tPHLGH
Figures 2A, 5A
1.0
µs
ISL6152 (H Version)
DRAIN Low to (PWRGD-DRAIN) High (Active)
tPLHDL
Figures 2A, 4B
0.1
0.2
5.0
µs
DRAIN High to (PWRGD -DRAIN) Low (Inactive)
tPHLDH
Figure 2A, 6B
0.5
µs
GATE High to (PWRGD-DRAIN) High (Active)
tPLHGH
Figures 2A, 5B
0.4
µs
Electrical Specifications
VDD = +48V, VEE = +0V Unless Otherwise Specified. All tests are over the full temperature range; either
Commercial (0oC to 70oC) or Industrial (-40oC to 85oC). Typical specs are at 25oC. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6142, ISL6152


Similar Part No. - ISL6152CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6152 INTERSIL-ISL6152 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL6152CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com