Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMQCBA3636DGBA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RMQCBA3636DGBA
Description  36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMQCBA3636DGBA Datasheet(HTML) 1 Page - Renesas Technology Corp

  RMQCBA3636DGBA_15 Datasheet HTML 1Page - Renesas Technology Corp RMQCBA3636DGBA_15 Datasheet HTML 2Page - Renesas Technology Corp RMQCBA3636DGBA_15 Datasheet HTML 3Page - Renesas Technology Corp RMQCBA3636DGBA_15 Datasheet HTML 4Page - Renesas Technology Corp RMQCBA3636DGBA_15 Datasheet HTML 5Page - Renesas Technology Corp RMQCBA3636DGBA_15 Datasheet HTML 6Page - Renesas Technology Corp RMQCBA3636DGBA_15 Datasheet HTML 7Page - Renesas Technology Corp RMQCBA3636DGBA_15 Datasheet HTML 8Page - Renesas Technology Corp RMQCBA3636DGBA_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
R10DS0244EJ0002 Rev.0.02
Page 1 of 29
Dec. 01, 2014
Preliminary Datasheet
RMQCBA3636DGBA, RMQCBA3618DGBA
36-Mbit DDR™ II+ SRAM 2-word Burst
Architecture (2.5 Cycle Read latency)
Description
The RMQCBA3636DGBA is a 1,048,576-word by 36-bit and the RMQCBA3618DGBA is a 2,097,152-word by 18-bit
synchronous quad data rate static RAM fabricated with advanced CMOS technology using full CMOS six-transistor
memory cell. It integrates unique synchronous peripheral circuitry and a burst counter. All input registers are
controlled by an input clock pair (K and /K) and are latched on the positive edge of K and /K. These products are
suitable for applications which require synchronous operation, high speed, low voltage, high density and wide bit
configuration. These products are packaged in 165-pin plastic FBGA package.
Features
Power Supply
1.8 V for core (VDD), 1.4 V to VDD for I/O (VDDQ)
Clock
Fast clock cycle time for high bandwidth
Two input clocks (K and /K) for precise DDR timing at clock rising edges only
Two output echo clocks (CQ and /CQ) simplify data capture in high-speed systems
Clock-stop capability with
μs restart
I/O
Common data input/output bus
Pipelined double data rate operation
HSTL I/O
User programmable output impedance
PLL circuitry for wide output data valid window and future frequency scaling
Data valid pin (QVLD) to indicate valid data on the output
Function
Two-tick burst for low DDR transaction size
Internally self-timed write control
Simple control logic for easy depth expansion
JTAG 1149.1 compatible test access port
Package
165 FBGA package (13 x 15 x 1.4 mm)
R10DS0244EJ0002
Rev.0.02
Dec. 01, 2014


Similar Part No. - RMQCBA3636DGBA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQC4A1818DGBA RENESAS-RMQC4A1818DGBA Datasheet
855Kb / 30P
   18-Mbit DDR™ II SRAM 2-word Burst
Jan. 13, 2015
RMQC4A1818DGBA-302#AC0 RENESAS-RMQC4A1818DGBA-302#AC0 Datasheet
855Kb / 30P
   18-Mbit DDR??II SRAM 2-word Burst
RMQC4A1818DGBA-332#AC0 RENESAS-RMQC4A1818DGBA-332#AC0 Datasheet
855Kb / 30P
   18-Mbit DDR??II SRAM 2-word Burst
RMQC4A1836DGBA RENESAS-RMQC4A1836DGBA Datasheet
855Kb / 30P
   18-Mbit DDR™ II SRAM 2-word Burst
Jan. 13, 2015
RMQC4A1836DGBA-302#AC0 RENESAS-RMQC4A1836DGBA-302#AC0 Datasheet
855Kb / 30P
   18-Mbit DDR??II SRAM 2-word Burst
More results

Similar Description - RMQCBA3636DGBA_15

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1266V18 CYPRESS-CY7C1266V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1268KV18 CYPRESS-CY7C1268KV18_12 Datasheet
871Kb / 28P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1246V18 CYPRESS-CY7C1246V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCHA3636DGBA RENESAS-RMQCHA3636DGBA_15 Datasheet
846Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1246KV18 CYPRESS-CY7C1246KV18 Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA_15 Datasheet
887Kb / 31P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C1566V18 CYPRESS-CY7C1566V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com