Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1832 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1832
Description  PNP Silicon Plastic Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1832 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SA1832_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1832_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SA1832
-0.15A , -50V
PNP Silicon Plastic Encapsulated Transistor
Elektronische Bauelemente
25-Jan-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTICS CURVE


Similar Part No. - 2SA1832_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1832 KEXIN-2SA1832_15 Datasheet
978Kb / 2P
   PNP Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1832 WINNERJOIN-2SA1832_15 Datasheet
138Kb / 2P
   PNP TRANSISTOR
More results

Similar Description - 2SA1832_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA1298 SECOS-2SA1298 Datasheet
83Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1579 SECOS-2SA1579 Datasheet
427Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1235A SECOS-2SA1235A_15 Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1235A SECOS-2SA1235A Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1832 SECOS-2SA1832 Datasheet
477Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SB624 SECOS-2SB624_15 Datasheet
427Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1611 SECOS-2SA1611_15 Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1586 SECOS-2SA1586_15 Datasheet
83Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1179 SECOS-2SA1179 Datasheet
185Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1586 SECOS-2SA1586 Datasheet
83Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com