Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6160CBZA Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6160CBZA
Description  InfiniBand 12V Bulk and 5V Auxiliary Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6160CBZA Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6160CBZA Datasheet HTML 1Page - Intersil Corporation ISL6160CBZA Datasheet HTML 2Page - Intersil Corporation ISL6160CBZA Datasheet HTML 3Page - Intersil Corporation ISL6160CBZA Datasheet HTML 4Page - Intersil Corporation ISL6160CBZA Datasheet HTML 5Page - Intersil Corporation ISL6160CBZA Datasheet HTML 6Page - Intersil Corporation ISL6160CBZA Datasheet HTML 7Page - Intersil Corporation ISL6160CBZA Datasheet HTML 8Page - Intersil Corporation ISL6160CBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Absolute Maximum Ratings
Thermal Information
VB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +17.0V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VB+8V
ISEN, PGOOD, VB_On, ISET . . . . . . . . . . . . . . . -0.3V to VB+ 0.3V
VA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0V
VA_ENn, VA_FLTn . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
VA_OUT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3V to VA+0.3V
VA_Output Current . . . . . . . . . . . . . . . . . . . .Short Circuit Protected
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV (HBM)
Operating Conditions
VB Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . +10V to +14V
VA Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . -40
oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. NOTE #1 θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech
Brief TB379 for details.
2. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
Nominal VB = +12V, VA = +5V, TA = TJ = -40
oC - 85oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
S
+12V (VB) BULK SUPPLY CONTROL
ISET Current Source
IISET
18.5
20
21.5
µA
Current Limit Amp Offset Voltage
VISET - VISEN
-4
0
4
mV
Severe Overcurrent Threshold
SOC_Vth
Above set current regulation voltage threshold
-
150
-
mV
Full Temp 25W VB Current Regulation
25W_ilim_ft
RISET = 2.8kΩ 1%, RSENSE = 20mΩ 1%
2.2
2.8
3.4
A
Full Temp 50W VB Current Regulation
50W_ilim_ft
RISET = 2.8kΩ 1%, RSENSE = 10mΩ 1%
4.5
5.6
6.7
A
Limited Temp 25W VB Current Regulation
25W_ilim_lt
RISET = 2.8kΩ 1%, RSENSE = 20mΩ 1%,
TJ = 15
oC - 45oC
2.6
2.8
3.0
A
Limited Temp 50W VB Current Regulation
50W_ilim_lt
RISET = 2.8kΩ 1%, RSENSE = 10mΩ 1%,
TJ = 15
oC - 45oC
5.2
5.6
6.0
A
GATE PARAMETERS
GATE Response Time to Severe
Overcurrent
Tr_gate_soc
VRSENSE = (150mV + CR Vth) to VGATE to
10.8V
-100
-
nS
GATE Response Time to Overcurrent
Tr_gate_oc
VGATE to 10.8V
-
600
-
ns
GATE Turn-On Current
IGATE
VGATE to = 6V
8.4
10
11.6
µA
GATE Pull-Down Current
Igte_4v_oc
Overcurrent
45
75
-
mA
GATE Pull-Down Current
Igte_4V_soc
Severe Overcurrent
-
0.8
-
A
GATE High Voltage
Vgate_h
GATE Voltage
VB+4.5V VB+5V
-
V
VB PARAMETERS
IC Supply Current
IVB
-3
5
mA
VB POR Rising Threshold
VBPOR_L2H VB Low to High
7.8
8.4
9
V
VB POR Falling Threshold
VBPOR_H2L VB High to Low
7.5
8.1
8.7
V
VB POR Threshold Hysteresis
VBPOR_HYS VBPOR_L2H - VBPOR_H2L
0.1
0.3
0.6
V
DC-DC Enable Undervoltage Threshold
DCenUV_VTH
9.2
9.6
10
V
VB_On Rising Threshold
PWR_Vth
1.4
1.7
2.0
V
VB_On Hysteresis
PWR_hys
-
170
-
mV
VB_On Pull-Up Voltage
PWRN_V
VB_On Pin Open
2.7
3.2
-
V
VB_On Pull-Up Current
PWRN_I
9
17
25
µA
ISL6160


Similar Part No. - ISL6160CBZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6160CBZA RENESAS-ISL6160CBZA Datasheet
569Kb / 11P
   InfiniBand 12V Bulk and 5V Auxiliary Power Controller
More results

Similar Description - ISL6160CBZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6160 RENESAS-ISL6160 Datasheet
569Kb / 11P
   InfiniBand 12V Bulk and 5V Auxiliary Power Controller
logo
Maxim Integrated Produc...
MAX8533 MAXIM-MAX8533 Datasheet
240Kb / 10P
   Smallest, Most Reliable, 12V, Infiniband- Compliant Hot-Swap Controller
Rev 0; 4/03
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
   Synchronous CPU Buck Controller for 12V and 5V Applications
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com