Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMQCEA3636DGBA Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RMQCEA3636DGBA
Description  36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMQCEA3636DGBA Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RMQCEA3636DGBA_15 Datasheet HTML 6Page - Renesas Technology Corp RMQCEA3636DGBA_15 Datasheet HTML 7Page - Renesas Technology Corp RMQCEA3636DGBA_15 Datasheet HTML 8Page - Renesas Technology Corp RMQCEA3636DGBA_15 Datasheet HTML 9Page - Renesas Technology Corp RMQCEA3636DGBA_15 Datasheet HTML 10Page - Renesas Technology Corp RMQCEA3636DGBA_15 Datasheet HTML 11Page - Renesas Technology Corp RMQCEA3636DGBA_15 Datasheet HTML 12Page - Renesas Technology Corp RMQCEA3636DGBA_15 Datasheet HTML 13Page - Renesas Technology Corp RMQCEA3636DGBA_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
RMQCEA3636DGBA, RMQCEA3618DGBA
Preliminary Datasheet
R10DS0245EJ0002 Rev.0.02
Page 10 of 30
Dec. 01, 2014
Programmable Output Impedance
1.
Output buffer impedance can be programmed by terminating the ZQ ball to VSS through a precision resistor (RQ).
The value of RQ is five times the output impedance desired. The allowable range of RQ to guarantee impedance
matching with a tolerance of 15% is between 175
Ω and 350 Ω. The total external capacitance of ZQ ball must be
less than 7.5 pF.
QVLD (Valid data indicator)
1.
QVLD is provided on the QDR-II+ and DDR-II+ to simplify data capture on high speed systems. The Q Valid
indicates valid output data. QVLD is activated half cycle before the read data for the receiver to be ready for
capturing the data. QVLD is inactivated half cycle before the read finish for the receiver to stop capturing the data.
QVLD is edge aligned with CQ and /CQ.
ODT (On Die Termination)
1.
To reduce reflection which produces noise and lowers signal quality, the signals should be terminated, especially
at high frequency. Renesas offers ODT on the input signals to QDR-II+ and DDR-II+ family of devices.
2.
The ODT termination values tracks the value of RQ. The ODT range is selected by ODT control input.
3.
In DDR-II+ devices having common I/O bus, ODT is automatically enabled when the device inputs data and
disabled when the device outputs data.
4.
There is no difference in AC timing characteristics between the SRAMs with ODT and SRAMs without ODT.
5.
There is no increase in the IDD of SRAMs with ODT, however, there is an increase in the IDDQ (current
consumption from the I/O voltage supply) with ODT.
ODT range
ODT control pin
Thevenin equivalent resistance (RTHEV)
Unit
Note
Low
0.3 x RQ
1, 3
High
0.6 x RQ
2
Floating
0.6 x RQ
2
Notes:
1.
Allowable range of RQ to guarantee impedance matching a tolerance of ± 20 % is 175 Ω ≤ RQ ≤ 350 Ω.
2.
Allowable range of RQ to guarantee impedance matching a tolerance of ± 20 % is 175 Ω ≤ RQ ≤ 250 Ω.
3.
ODT control pin is connected to VDDQ through 3.5 kΩ. Therefore it is recommended to connect it to
VSS through less than 100 Ω to make it low.


Similar Part No. - RMQCEA3636DGBA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA Datasheet
416Kb / 31P
   36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
Jul. 15, 2015
More results

Similar Description - RMQCEA3636DGBA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA Datasheet
416Kb / 31P
   36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
Jul. 15, 2015
logo
Cypress Semiconductor
CY7C2268KV18 CYPRESS-CY7C2268KV18 Datasheet
874Kb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268KV18 CYPRESS-CY7C2268KV18_12 Datasheet
876Kb / 29P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQCBA3636DGBA RENESAS-RMQCBA3636DGBA_15 Datasheet
849Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1266V18 CYPRESS-CY7C1266V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCLA3636DGBA RENESAS-RMQCLA3636DGBA_15 Datasheet
885Kb / 31P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C21701KV18 CYPRESS-CY7C21701KV18 Datasheet
771Kb / 24P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268XV18 CYPRESS-CY7C2268XV18 Datasheet
907Kb / 29P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2168KV18 CYPRESS-CY7C2168KV18 Datasheet
879Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com