Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB709A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB709A
Description  PNP Silicon General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB709A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB709A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB709A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SB709A_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SB709A
-0.2A , -45V
PNP Silicon General Purpose Transistor
21-Jan-2011 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
For general amplification
Complementary of the 2SD601A
CLASSIFICATION OF hFE
Product-Rank
2SB709A-Q
2SB709A-R
2SB709A-S
Range
160~260
210~340
290~460
Marking
BQ1
BR1
BS1
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-45
V
Collector to Emitter Voltage
VCEO
-45
V
Emitter to Base Voltage
VEBO
-7
V
Collector Currrent
IC
-100
mA
Collector Power Dissipation
PC
200
mW
Junction & Storage Temperature
TJ, TSTG
150, -55 ~ 150
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-45
-
-
V
IC= -10
μA, I
E=0
Collector-emitter breakdown voltage
V(BR)CEO
-45
-
-
V
IC= -2mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-7
-
-
V
IE= -10
μA, I
C=0
Collector cut-off current
ICBO
-
-
-0.1
μA
VCB= -20V, IE=0
Emitter cut-off current
ICEO
-
-
-100
μA
VCE= -10V, IB=0
Collector-emitter saturation voltage
VCE(sat)
-
-
-0.5
V
IC= -100mA, IB= -10mA
DC current gain
hFE
160
-
460
VCE= -10V, IC= -2mA
Transition frequency
fT
60
-
-
MHz
VCE= -10V, IC= -1mA, f=200MHz
Collector output capacitance
Cob
-
-
2.7
pF
VCB= -10V, IE=0, f=1MHz
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50
SOT-23


Similar Part No. - 2SB709A_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB709A KEXIN-2SB709A_15 Datasheet
1Mb / 2P
   PNP Transistors
More results

Similar Description - 2SB709A_15

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com