Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6219A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6219A
Description  Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6219A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6219A Datasheet HTML 6Page - Intersil Corporation ISL6219A Datasheet HTML 7Page - Intersil Corporation ISL6219A Datasheet HTML 8Page - Intersil Corporation ISL6219A Datasheet HTML 9Page - Intersil Corporation ISL6219A Datasheet HTML 10Page - Intersil Corporation ISL6219A Datasheet HTML 11Page - Intersil Corporation ISL6219A Datasheet HTML 12Page - Intersil Corporation ISL6219A Datasheet HTML 13Page - Intersil Corporation ISL6219A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
OVERVOLTAGE PROTECTION
If the ISL6219A detects output voltages above 115% of VID,
the controller will immediately commands all PWM outputs
low. This directs the Intersil drivers to turn on the lower
MOSFETs and protect the load by preventing any further
increase in output voltage. Once the output voltage falls to
the level set by the VID code, the PWM outputs enter high-
impedance mode. The Intersil drivers respond by turning off
both upper and lower MOSFETs. If the overvoltage condition
reoccurs, the ISL6219A will again command the lower
MOSFETs to turn on. The ISL6219A will continue to protect
the load in this fashion as long as the overvoltage repeats.
After detecting an overvoltage condition, the ISL6219A
terminates normal PWM operation until it is reset by one of
two methods. Either by pulling VCC below the POR falling
threshold and restoring it above the POR rising threshold or
cycling FS/EN.
Under-Voltage
The VSEN pin also detects when the CORE voltage drops
below the VID programmed under-voltage falling threshold.
This causes PGOOD to go low, but has no other effect on
operation and is not latched.
LOAD-LINE REGULATION
In applications with high transient current slew rates, the
lowest-cost solution for maintaining regulation often requires
some kind of controlled output impedance. A current
proportional to the average current of all active channels is
steered into the inverting input of the error amplifier. There is
no DC return path connected to the FB pin except for the
feedback resistor, RFB. Therefore, the average current,
IAVG, produces a voltage drop across the feedback resistor,
RFB, proportional to the output current. In Figure 7, the
steady-state value of VDROOP is simply
In the case that each channel uses the same value for RISEN to
sense channel current, a more complete expression for
VDROOP can be determined from the expression for IAVG as it
is derived from Figures 4 and 5.
ENABLE AND DISABLE
Three separate input conditions must be met before the
ISL6219A is released from shut-down mode. The PWM
outputs are held in a high-impedance state to assure the
drivers remain off during shut-down.
The internal power-on reset circuit (POR) prevents the
ISL6219A from starting before the bias voltage at VCC
reaches the POR-rising threshold as defined in Electrical
Specifications. The rising threshold is high enough to
guarantee that all parts of the ISL6219A can perform their
functions properly. There is enough hysteresis in the POR-
falling threshold to prevent nuisance tripping.
The frequency select/enable input (FS/EN) has a 1V threshold
which must be exceeded before the internal oscillator begins
running. An external enable signal should be used to control the
gate of an external MOSFET tied to the FS/EN pin, see Figure
8. This MOSFET must pull FS/EN below the 1V threshold to
disable the controller. When enabling the controller, this
10
100
1.350
10
011
1.375
10
010
1.400
10
001
1.425
10
000
1.450
01
111
1.475
01
110
1.500
01
101
1.525
01
100
1.550
01
011
1.575
01
010
1.600
01
001
1.625
01
000
1.650
00
111
1.675
00
110
1.700
00
101
1.725
00
100
1.750
00
011
1.775
00
010
1.800
00
001
1.825
00
000
1.850
TABLE 1. VOLTAGE IDENTIFICATION CODES (Continued)
VID4
VID3
VID2
VID1
VID0
VDAC
V
DROOP
I
AVG RFB
=
(EQ. 3)
I
AVG
I
OUT
N
-------------
r
DS ON
()
R
ISEN
----------------------
=
V
DROOP
I
OUT
N
-------------
r
DS ON
()
R
ISEN
---------------------- R
FB
=
(EQ. 4)
FIGURE 8. EXTERNAL ENABLE SIGNAL CIRCUIT
EXTERNAL CIRCUIT
FS/EN
+
-
1.23V
-
+
VCC
S1
ENABLE
SIGNAL
ISL6219A


Similar Part No. - ISL6219A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219A RENESAS-ISL6219A Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6219ACA INTERSIL-ISL6219ACA Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219ACA RENESAS-ISL6219ACA Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6219ACAZ INTERSIL-ISL6219ACAZ Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
More results

Similar Description - ISL6219A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A_07 Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219 INTERSIL-ISL6219 Datasheet
476Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219A RENESAS-ISL6219A Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com