Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4806 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO4806
Description  Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO4806 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  AO4806 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO4806 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO4806 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO4806 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Dual N-Channel MOSFET
AO4806 (KO4806)
Features
VDS (V) = 20V
ID = 9.4 A (VGS = 10V)
RDS(ON) < 14mΩ (VGS = 10V)
RDS(ON) < 15mΩ (VGS = 4.5V)
RDS(ON) < 21mΩ (VGS = 2.5V)
RDS(ON) < 30mΩ (VGS = 1.8V)
ESD Rating: 2000V HBM
1 Source2
2 Gate2
3 Source1
4 Gate1
5 Drain1
6 Drain1
7 Drain2
8 Drain2
SOP-8
1.50 0.15
G1
D1
S1
G2
D2
S2
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
20
VGS
±
12
Ta=25℃
9.4
Ta=70℃
7.5
IDM
40
Ta=25℃
2
Ta=70℃
1.28
62.5
110
RthJC
40
TJ
150
Tstg
-55 to 150
Junction Temperature
Storage Temperature Range
PD
W
Power Dissipation
/W
Thermal Resistance.Junction- to-Ambient
t ≤ 10s
Thermal Resistance.Junction- to-Case
Steady-State
Parameter
Continuous Drain Current
ID
Drain-Source Voltage
Gate-Source Voltage
RthJA
V
A
Pulsed Drain Current


Similar Part No. - AO4806

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4806 AOSMD-AO4806 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4806 AOSMD-AO4806 Datasheet
177Kb / 4P
   20V Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4806 VBSEMI-AO4806 Datasheet
1Mb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4806-HF KEXIN-AO4806-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4806L AOSMD-AO4806L Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO4806

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com