Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO6601 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO6601
Description  Complementary Trench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6601 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6601 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6601 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6601 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6601 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd AO6601 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd AO6601 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd AO6601 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
Complementary Trench MOSFET
AO6601 (KO6601)
N-Channel Mosfet Typical Characterisitics
5
2
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
3
VGS(Volts)
Figure 2: Transfer Characteristics
30
40
50
60
70
80
0
2
4
6
8
10
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=10V
ID=3.4A
VGS=4.5V
ID=3A
VGS=2.5V
ID=2A
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
0
3
6
9
12
15
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=2V
10V
2.5V
3V
4.5V
VGS=2.5V
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
20
40
60
80
100
120
140
0
2
4
6
8
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
ID=3.4A
25°C
125°C


Similar Part No. - AO6601

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6601 AOSMD-AO6601 Datasheet
207Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO6601 AOSMD-AO6601 Datasheet
482Kb / 9P
   30V Complementary MOSFET
logo
VBsemi Electronics Co.,...
AO6601 VBSEMI-AO6601 Datasheet
2Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
   N P Channel MOSFET
logo
Guangdong Kexin Industr...
AO6601-HF KEXIN-AO6601-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
More results

Similar Description - AO6601

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
   Complementary Trench MOSFET
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO6602 KEXIN-AO6602 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4616-HF KEXIN-AO4616-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com