Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO6800 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO6800
Description  Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6800 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6800 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6800 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6800 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6800 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Dual N-Channel MOSFET
AO6800 (KO6800)
Typical Characterisitics
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
3
VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
30
40
50
60
70
80
0
2
4
6
8
10
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=10V
ID=3.4A
VGS=4.5V
ID=3A
VGS=2.5V
ID=2A
20
40
60
80
100
120
140
0
2
4
6
8
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
ID=3.4A
25°C
125°C
0
3
6
9
12
15
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=2.0V
3V
4.5V
10V
2.5V
VGS=2.5V


Similar Part No. - AO6800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO6800 ETC-AO6800 Datasheet
296Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO6800 AOSMD-AO6800 Datasheet
234Kb / 5P
   30V Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO6800 VBSEMI-AO6800 Datasheet
1Mb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO6800 UMW-AO6800 Datasheet
583Kb / 8P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6800-HF KEXIN-AO6800-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
More results

Similar Description - AO6800

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com