Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6223CA-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6223CA-T
Description  Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6223CA-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6223CA-T Datasheet HTML 1Page - Intersil Corporation ISL6223CA-T Datasheet HTML 2Page - Intersil Corporation ISL6223CA-T Datasheet HTML 3Page - Intersil Corporation ISL6223CA-T Datasheet HTML 4Page - Intersil Corporation ISL6223CA-T Datasheet HTML 5Page - Intersil Corporation ISL6223CA-T Datasheet HTML 6Page - Intersil Corporation ISL6223CA-T Datasheet HTML 7Page - Intersil Corporation ISL6223CA-T Datasheet HTML 8Page - Intersil Corporation ISL6223CA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Typical Application - Two Phase Converter Using HIP6601 Gate Drivers
Typical Application - Two Phase Converter Using a HIP6602 Gate Driver
MAIN
CONTROL
ISL6223
VID3
VID0
PGOOD
FB
+5V
COMP
PWM2
PWM1
ISEN2
ISEN1
VSEN
DRIVER
HIP6601
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
PVCC
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
DRIVER
HIP6601
PVCC
FS/DIS
GND
GND
GND
VCC
+VCORE
+12V
+12V
VID2
VID4
VID1
DACOUT
MAIN
CONTROL
ISL6223
VID3
VID2
VID1
VID0
FB
+5V
COMP
PWM1
PWM2
ISEN2
VSEN
FS/DIS
ISEN1
GND
VIN +12V
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
PHASE1
LGATE1
PWM1
PVCC
+5V
VCC
VIN = +12V
+12V
DUAL
DRIVER
HIP6602
PGOOD
PGND
VCC
+VCORE
PWM2
VID4
GND
DACOUT
ISL6223


Similar Part No. - ISL6223CA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6223CA RENESAS-ISL6223CA Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6223CAZA RENESAS-ISL6223CAZA Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6223CA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com