Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK-CHMM-025 Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-CHMM-025
Description  Cinch Connection Cable, Molded Hoods
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-CHMM-025 Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-CHMM-025 Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
01.03.12
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK-CHMM-015-R (1.5M) AK-CHMM-R (2.0M)
AK-CHMM-025-R (2.5M) AK-CHMM-050-R (5.0M)
Cinch Connection Cable, Molded Hoods,
2 x Cinch Male to 2 x Cinch Male
Complaint
RoHS
rev00
Material:
• Cable: T.C(10/0.12+28/0.12)x2F, O.D:2.8x5.6, Black
• Connector: RCA Plug
• Total Length: L
• Color: Black
• Molded Type


Similar Part No. - AK-CHMM-025

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-CHMM-015 ASSMANN-AK-CHMM-015 Datasheet
66Kb / 1P
   Cinch Connection Cable, Molded Hoods
More results

Similar Description - AK-CHMM-025

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-CHMM-015 ASSMANN-AK-CHMM-015 Datasheet
66Kb / 1P
   Cinch Connection Cable, Molded Hoods
AK-CHMF-025-R ASSMANN-AK-CHMF-025-R Datasheet
73Kb / 1P
   Cinch Connection Cable, Molded Hoods
AK-CHMF-015-R ASSMANN-AK-CHMF-015-R Datasheet
73Kb / 1P
   Cinch Connection Cable, Molded Hoods
AK-CHMM-R ASSMANN-AK-CHMM-R Datasheet
66Kb / 1P
   Cinch Connection Cable, Molded Hoods
AK153-5-R ASSMANN-AK153-5-R Datasheet
118Kb / 1P
   Serial Connection Cable, Molded Hoods
AK-CHMM-2 ASSMANN-AK-CHMM-2 Datasheet
165Kb / 1P
   Cinch Connection Cable
AK-AV200 ASSMANN-AK-AV200 Datasheet
170Kb / 1P
   Stereo Connection Cable, Cinch Male to Cinch Male
AK-AV202-R ASSMANN-AK-AV202-R Datasheet
95Kb / 1P
   External Audio RCA Cinch Extension Cable
logo
FCI connector
8655MH1501 FCI-CONNECTOR-8655MH1501 Datasheet
116Kb / 2P
   SHIELDED HOODS - TWO PART HOODS
8655MH3701 FCI-CONNECTOR-8655MH3701 Datasheet
141Kb / 2P
   SHIELDED HOODS - TWO PART HOODS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com