Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6244HRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6244HRZ
Description  Multi-Phase PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6244HRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6244HRZ Datasheet HTML 3Page - Intersil Corporation ISL6244HRZ Datasheet HTML 4Page - Intersil Corporation ISL6244HRZ Datasheet HTML 5Page - Intersil Corporation ISL6244HRZ Datasheet HTML 6Page - Intersil Corporation ISL6244HRZ Datasheet HTML 7Page - Intersil Corporation ISL6244HRZ Datasheet HTML 8Page - Intersil Corporation ISL6244HRZ Datasheet HTML 9Page - Intersil Corporation ISL6244HRZ Datasheet HTML 10Page - Intersil Corporation ISL6244HRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
FN9106.3
December 28, 2004
Functional Pin Description
ISL6244CR
(32 LEAD QFN 5x5)
TOP VIEW
GND
Bias and reference ground for the IC.
VFF
This pin is connected to VIN through a 10:1 voltage divider to
allow for battery “feed-forward,” which improves stability over
varying input line.
VID4, VID3, VID2, VID1, VID0
The state of these five inputs program the internal DAC,
which provides the reference voltage for output regulation.
Connect these pins to either open-drain or active pull-up
type outputs. Pulling these pins above 2.9V can cause a
reference offset inaccuracy.
OFS
Connecting a resistor between this pin and ground creates a
positive offset voltage which is added to the DAC voltage,
allowing easy implementation of load-line regulation. For no
offset, simply tie this pin to ground.
FB and COMP
The internal error amplifier inverting input and output
respectively. Connect the external R-C feedback
compensation network of the regulator to these pins.
IOUT
The current carried out of this pin is proportional to output
current and can be used to incorporate output voltage droop
and/or load sharing. The scale factor is set by the ratio of the
ISEN resistors and the lower MOSFET rDS(ON). If droop is
desired, connect this pin to FB. When not used for droop or
load sharing, simply leave this pin open.
VSEN, RGND, VDIFF
VSEN and RGND are the inputs to the differential remote-
sense amplifier. Connect these pins to the sense points of
the remote load. Connect an appropriately sized feedback
resistor, RFB, between VDIFF and FB.
VCC
Supplies all the power necessary to operate the chip. The IC
starts to operate when the voltage on this pin exceeds the
rising POR threshold and shuts down when the voltage on
this pin drops below the falling POR threshold. Connect this
pin directly to a +5V supply.
ISEN1, ISEN2, ISEN3, ISEN4
Current sense inputs. A resistor connected between these
pins and their respective phase node sets a current
proportional to the current in the lower MOSFET during it’s
conduction interval. This current is used as a reference for
channel balancing, load sharing, protection, and load-line
regulation. Inactive channels should have their respective
sense inputs left open.
PWM1, PWM2, PWM3, PWM4
Pulse-width modulating outputs. Connect these pins to the
individual ISL620X driver PWM input pins. These logic
outputs command the driver IC(s) in switching the half-
bridge configuration of MOSFETs. The number of active
channels is determined by the state of PWM3 and PWM4. If
PWM3 is tied to VCC, this indicates to the controller that two
channel operation is desired. In this case, PWM 4 should be
left open or tied to VCC. Shorting PWM4 to VCC indicates
that three channel operation is desired.
PGOOD
Power good is an open-drain logic output that changes to a
logic low when the voltage at VDIFF is 350mV below the VID
setting (under-voltage) or above 2.2V (over-voltage).
FS
A pin for setting the switching frequency of the regulator.
Place a resistor from this pin to ground to set the switching
frequency between 80kHz and 1MHz.
EN
This pin enables the ISL6244 regulator.
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
9
1011
12
13
1415
16
VID2
VID1
VID0
NC
OFS
COMP
FB
NC
ISEN3
ISEN2
GND
PWM2
PWM1
ISEN1
ISEN4
PWM4
NC = NO CONNECT
ISL6244


Similar Part No. - ISL6244HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244HRZ INTERSIL-ISL6244HRZ Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL6244HRZ RENESAS-ISL6244HRZ Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6244HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com