Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6244HRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6244HRZ
Description  Multi-Phase PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6244HRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6244HRZ Datasheet HTML 6Page - Intersil Corporation ISL6244HRZ Datasheet HTML 7Page - Intersil Corporation ISL6244HRZ Datasheet HTML 8Page - Intersil Corporation ISL6244HRZ Datasheet HTML 9Page - Intersil Corporation ISL6244HRZ Datasheet HTML 10Page - Intersil Corporation ISL6244HRZ Datasheet HTML 11Page - Intersil Corporation ISL6244HRZ Datasheet HTML 12Page - Intersil Corporation ISL6244HRZ Datasheet HTML 13Page - Intersil Corporation ISL6244HRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
FN9106.3
December 28, 2004
Interleaving
The switching of each channel in a multi-phase converter is
timed to be symmetrically out of phase with each of the other
channels. In a 3-phase converter, each channel switches 1/3
cycle after the previous channel and 1/3 cycle before the
following channel. As a result, the three-phase converter has
a combined ripple frequency three times greater than the
ripple frequency of any one phase. In addition, the peak-to-
peak amplitude of the combined inductor currents is reduced
in proportion to the number of phases (Equations 1 and 2).
Increased ripple frequency and lower ripple amplitude mean
that the designer can use less per-channel inductance and
lower total output capacitance for any performance
specification.
Figure 13 illustrates the multiplicative effect on output ripple
frequency. The three channel currents (IL1, IL2, and IL3),
combine to form the AC ripple current and the DC load
current. The ripple component has three times the ripple
frequency of each individual channel current. Each PWM
pulse is terminated 1/3 of a cycle, or 1.33
µs for fS = 250kHz,
after the PWM pulse of the previous phase. The peak-to-peak
current waveforms for each phase is about 7A, and the dc
components of the inductor currents combine to feed the load.
To understand the reduction of ripple current amplitude in the
multi-phase circuit, examine the equation representing an
individual channel’s peak-to-peak inductor current.
In Equation 1, VIN and VOUT are the input and output
voltages respectively, L is the single-channel inductor value,
and fS is the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multi-phase converters, the
capacitor current is the sum of the ripple currents from each
of the individual channels. Compare Equation 1 to the
expression for the peak-to-peak current after the summation
of N symmetrically phase-shifted inductor currents in
Equation 2. Peak-to-peak ripple current decreases by an
amount proportional to the number of channels. Output-
voltage ripple is a function of capacitance, capacitor
equivalent series resistance (ESR), and inductor ripple
current. Reducing the inductor ripple current allows the
designer to use fewer or less costly output capacitors.
Another benefit of interleaving is to reduce input ripple
current. Input capacitance is determined in part by the
maximum input ripple current. Multi-phase topologies can
improve overall system cost and size by lowering input ripple
current and allowing the designer to reduce the cost of input
capacitance. The example in Figure 14 illustrates input
currents from a three-phase converter combining to reduce
the total input ripple current.
The converter depicted in Figure 14 delivers 52A to a 1.20V
load from a 19V input. The RMS input capacitor current is
6.5A. Compare this to a single-phase converter also
stepping down 19V to 1.20V at 52A. The single-phase
converter has 11.96A RMS input capacitor current. The
single-phase converter must use an input capacitor bank
with twice the RMS current capacity as the equivalent three-
phase converter.
Figures 28, 29 and 30 in the section entitled Input Capacitor
Selection can be used to determine the input-capacitor RMS
current based on load current, duty cycle, and the number of
channels. They are provided as aids in determining the
optimal input capacitor solution. Figure 31 shows the single
phase input-capacitor RMS current for comparison.
FIGURE 13. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 3-PHASE CONVERTER
1
µs/DIV
PWM2, 5V/DIV
PWM1, 5V/DIV
IL2, 7A/DIV
IL1, 7A/DIV
IL1 + IL2 + IL3, 7A/DIV
IL3, 7A/DIV
PWM3, 5V/DIV
I
PP
V
IN
V
OUT
() V
OUT
Lf
S VIN
------------------------------------------------------
=
(EQ. 1)
I
CPP
,
V
IN
NV
OUT
() V
OUT
Lf
S VIN
------------------------------------------------------------
=
(EQ. 2)
FIGURE 14. CHANNEL INPUT CURRENTS AND INPUT-
CAPACITOR RMS CURRENT FOR 3-PHASE
CONVERTER
INPUT-CAPACITOR CURRENT, 15A/DIV
1
µs/DIV
CHANNEL 1
INPUT CURRENT
15A/DIV
CHANNEL 2
INPUT CURRENT
15A/DIV
CHANNEL 3
INPUT CURRENT
15A/DIV
ISL6244


Similar Part No. - ISL6244HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244HRZ INTERSIL-ISL6244HRZ Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL6244HRZ RENESAS-ISL6244HRZ Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6244HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com