Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6244HRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6244HRZ
Description  Multi-Phase PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6244HRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6244HRZ Datasheet HTML 7Page - Intersil Corporation ISL6244HRZ Datasheet HTML 8Page - Intersil Corporation ISL6244HRZ Datasheet HTML 9Page - Intersil Corporation ISL6244HRZ Datasheet HTML 10Page - Intersil Corporation ISL6244HRZ Datasheet HTML 11Page - Intersil Corporation ISL6244HRZ Datasheet HTML 12Page - Intersil Corporation ISL6244HRZ Datasheet HTML 13Page - Intersil Corporation ISL6244HRZ Datasheet HTML 14Page - Intersil Corporation ISL6244HRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
FN9106.3
December 28, 2004
PWM Operation
The timing of each converter leg is set by the number of
active channels. The default channel setting for the ISL6244
is four. One switching cycle is defined as the time between
PWM1 pulse termination signals. The pulse termination
signal is an internally generated clock signal which triggers
the falling edge of PWM1. The cycle time of the pulse
termination signal is the inverse of the switching frequency
set by the resistor between the FS pin and ground. Each
cycle begins when the clock signal commands the channel-1
PWM output to go low. The PWM1 transition signals the
channel-1 MOSFET driver to turn off the channel-1 upper
MOSFET and turn on the channel-1 synchronous MOSFET.
In the default channel configuration, the PWM2 pulse
terminates 1/4 of a cycle after PWM1. The PWM 3 output
follows another 1/4 of a cycle after PWM2. PWM4 terminates
another 1/4 of a cycle after PWM3.
If PWM3 is connected to VCC, then two channel operation is
selected and the PWM2 pulse terminates 1/2 of a cycle later.
Connecting PWM4 to VCC selects three channel operation and
the pulse-termination times are spaced in 1/3 cycle increments.
Once a PWM signal transitions low, it is held low for a
minimum of 1/4 cycle. This forced off time is required to
ensure an accurate current sample. Current sensing is
described in the next section. After the forced off time
expires, the PWM output is enabled. The PWM output state
is driven by the position of the error amplifier output signal,
VCOMP, minus the current correction signal relative to the
sawtooth ramp as illustrated in Figure 1. When the modified
VCOMP voltage crosses the sawtooth ramp, the PWM output
transitions high. The MOSFET driver detects the change in
state of the PWM signal and turns off the synchronous
MOSFET and turns on the upper MOSFET. The PWM signal
will remain high until the pulse termination signal marks the
beginning of the next cycle by triggering the PWM signal low.
Current Sensing
During the forced off time following a PWM transition low, the
controller senses channel load current by sampling the
voltage across the lower MOSFET rDS(ON), see Figure 15. A
ground-referenced amplifier, internal to the ISL6244,
connects to the PHASE node through a resistor, RISEN. The
voltage across RISEN is equivalent to the voltage drop
across the RDS(ON) of the lower MOSFET while it is
conducting. The resulting current into the ISEN pin is
proportional to the channel current, IL. The ISEN current is
then sampled and held after sufficient settling time every
switching cycle. The sampled current, In, is used for
channel-current balance, load-line regulation and
overcurrent protection. From Figure 15, the following
equation for In is derived
where IL is the channel current.
If RDS(ON) sensing is not desired, an independent current-
sense resistor in series with the lower MOSFET source can
serve as a sense element. The circuitry shown in Figure 15
represents channel n of an N-channel converter. This
circuitry is repeated for each channel in the converter, but
may not be active depending upon the status of the PWM3
and PWM4 pins as described in the previous section.
Channel-Current Balance
The sampled current, In, from each active channel is used to
gauge both overall load current and the relative channel
current carried in each leg of the converter. The individual
sample currents are summed and divided by the number of
active channels. The resulting average current, IAVG,
provides a measure of the total load current demand on the
converter and the appropriate level of channel current. Using
Figures 15 and 16, the average current is defined as:
where N is the number of active channels and IOUT is the
total load current.
The average current is then subtracted from the individual
channel sample currents. The resulting error current, IER, is
then filtered before it adjusts VCOMP. The modified VCOMP
signal is compared to a sawtooth ramp signal and produces
a pulse width which corrects for any imbalance and drives
the error current toward zero. Figure 16 illustrates Intersil’s
patented current-balance method as implemented on
channel-1 of a multi-phase converter.
I
n
I
L
r
DS ON
()
R
ISEN
----------------------
=
(EQ. 3)
FIGURE 15. INTERNAL AND EXTERNAL CURRENT-SENSING
CIRCUITRY
In
I
SEN
I
L
r
DS ON
()
R
ISEN
--------------------------
=
-
+
ISEN(n)
RISEN
SAMPLE
&
HOLD
ISL6244 INTERNAL CIRCUIT
EXTERNAL CIRCUIT
VIN
CHANNEL N
UPPER MOSFET
CHANNEL N
LOWER MOSFET
-
+
I
L
r
DS ON
()
IL
(EQ. 4)
I
AVG
I
1
I
2
…I
N
++
N
----------------------------------
=
I
AVG
I
OUT
N
-------------
r
DS ON
()
R
ISEN
----------------------
=
ISL6244


Similar Part No. - ISL6244HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244HRZ INTERSIL-ISL6244HRZ Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL6244HRZ RENESAS-ISL6244HRZ Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6244HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com