Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6405ER Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6405ER
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6405ER Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6405ER Datasheet HTML 3Page - Intersil Corporation ISL6405ER Datasheet HTML 4Page - Intersil Corporation ISL6405ER Datasheet HTML 5Page - Intersil Corporation ISL6405ER Datasheet HTML 6Page - Intersil Corporation ISL6405ER Datasheet HTML 7Page - Intersil Corporation ISL6405ER Datasheet HTML 8Page - Intersil Corporation ISL6405ER Datasheet HTML 9Page - Intersil Corporation ISL6405ER Datasheet HTML 10Page - Intersil Corporation ISL6405ER Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Functional Description
The ISL6405 dual output voltage regulator makes an ideal
choice for advanced satellite set-top box and personal video
recorder applications. Both supply and control voltage
outputs for two low-noise blocks (LNBs) are available
simultaneously in any output configuration. The device
utilizes built-in DC/DC step-converters that, from a single
supply source ranging from 8V to 14V, generate the voltages
that enable the linear post-regulators to work with a
minimum of dissipated power. An undervoltage lockout
circuit disables the circuit when VCC drops below a fixed
threshold (7.5V typ).
DiSEqC Encoding
The internal oscillator is factory-trimmed to provide a tone
of 22kHz in accordance with DiSEqC (EUTELSAT)
standards. No further adjustment is required. The 22kHz
oscillator can be controlled either by the I2C interface
(ENT1/2 bit) or by a dedicated pin (DSQIN1/2) that allows
immediate DiSEqC data encoding separately for each LNB.
(Please see Note 1 at the end of this section.) All the
functions of this IC are controlled via the I2C bus by writing
to the system registers (SR1, SR2). The same registers
can be read back, and two bits will report the diagnostic
status. The internal oscillator operates the converters at ten
times the tone frequency. The device offers full I2C
compatible functionality, 3.3V or 5V, and up to 400kHz
operation.
If the Tone Enable (ENT1/2) bit is set LOW through I2C, then
the DSQIN1/2 terminal activates the internal tone signal,
modulating the dc output with a 0.3V, 22kHz, symmetrical
waveform. The presence of this signal usually gives the LNB
information about the band to be received.
Burst coding of the 22kHz tone can be accomplished due to
the fast response of the DSQIN1/2 input and rapid tone
response. This allows implementation of the DiSEqC
(EUTELSAT) protocols.
When the ENT1/2 bit is set HIGH, a continuous 22kHz tone
is generated regardless of the DSQIN1/2 pin logic status for
the corresponding regulator channel (LNB-A or LNB-B). The
ENT1/2 bit must be set LOW when the DSQIN1 and/or
DSQIN2 pin is used for DiSEqC encoding.
Linear Regulator
The output linear regulator will sink and source current. This
feature allows full modulation capability into capacitive loads
as high as 0.25
µF. In order to minimize the power
dissipation, the output voltage of the internal step-up
converter is adjusted to allow the linear regulator to work at
minimum dropout.
When the device is put in the shutdown mode (EN1,
EN2 = LOW), both PWM power blocks are disabled. (i.e.
when EN1 = 0, PWM1 is disabled, and when EN2 = 0,
PWM2 is disabled).
When the regulator blocks are active (EN1, EN2 = HIGH),
the output can be logic controlled to be 13V or 18V (typical)
by mean of the VSEL bit (Voltage Select) for remote
controlling of non-DiSEqC LNBs. Additionally, it is possible
to increment by 1V (typical) the selected voltage value to
compensate for the excess voltage drop along the coaxial
cable (LLC1/2 bit HIGH).
Output Timing
The programmed output voltage rise and fall times can be
set by an external capacitor. The output rise and fall times
will be approximately 3400 times the TCAP value. For the
recommended range of 0.47
µF to 2.2µF, the rise and fall
time would be 1.6ms to 7.6ms. Using a 0.47
µF capacitor
insures the PWM stays below its overcurrent threshold when
charging a 120
µF VSW filter cap during the worst case 13V
to 19V transition. A typical value of 1.0
µF is recommended.
Functional Pin Description
SYMBOL
FUNCTION
SDA
Bidirectional data from/to I2C bus.
SCL
Clock from I2C bus.
VSW1, 2
Input of the linear post-regulator.
PGND1, 2
Dedicated ground for the output gate driver of
respective PWM.
CS1, 2
Current sense input; connect Rsc at this pin for
desired over current value for respective PWM.
SGND
Small signal ground for the IC.
AGND
Analog ground for the IC.
TCAP1, 2
Capacitor for setting rise and fall time of the output
of LNB A and LNB B respectively. Use this
capacitor value 1µF or higher.
BYPASS
Bypass capacitor for internal 5V.
DSQIN1, 2
When HIGH enables internal 22kHz modulation for
LNB A and LNA B respectively, Use this pin for
tone enable function for LNB A and LNB B.
VCC
Main power supply to the chip.
GATE1, 2
These are the device outputs of PWM A and
PWM B respectively. These high current driver
outputs are capable of driving the gate of a power
FET. These outputs are actively held low when
Vcc is below the UVLO threshold.
VO1, 2
Output voltage of LNB A and LNB B respectively.
ADDR
Address pin to select two different addresses per
voltage level at this pin.
COMP1, 2
Error amp outputs used for compensation.
FB1, 2
Feedback pins for respective PWMs
CPVOUT,
CPSWIN,
CPSWOUT
Charge pump connections.
SEL18V1, 2
When connected HIGH, this pin will change the
output of the respective PWM to 18V. Only
available on the QFN package option.
ISL6405


Similar Part No. - ISL6405ER

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6405ERZ INTERSIL-ISL6405ERZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6405ERZ-T INTERSIL-ISL6405ERZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6405ER

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 INTERSIL-ISL6424 Datasheet
374Kb / 12P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422 RENESAS-ISL6422 Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com