Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6405EEB-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6405EEB-T
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6405EEB-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6405EEB-T Datasheet HTML 4Page - Intersil Corporation ISL6405EEB-T Datasheet HTML 5Page - Intersil Corporation ISL6405EEB-T Datasheet HTML 6Page - Intersil Corporation ISL6405EEB-T Datasheet HTML 7Page - Intersil Corporation ISL6405EEB-T Datasheet HTML 8Page - Intersil Corporation ISL6405EEB-T Datasheet HTML 9Page - Intersil Corporation ISL6405EEB-T Datasheet HTML 10Page - Intersil Corporation ISL6405EEB-T Datasheet HTML 11Page - Intersil Corporation ISL6405EEB-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
This feature only affects the turn-on and programmed
voltage rise and fall times.
Current Limiting
The current limiting block has two thresholds that can be
selected by the ISEL bit of the SR and can work either
statically (simple current clamp) or dynamically. The lower
threshold is between 425mA and 530mA (ISEL = L), while
the higher threshold is between 775mA and 925mA
(ISEL = H). When the DCL (Dynamic Current Limiting) bit is
set to LOW, the over current protection circuit works
dynamically: as soon as an overload is detected, the output
is shutdown for a time tOFF, typically 900ms. Simultaneously
the OLF bit of the System Register is set to HIGH. After this
time has elapsed, the output is resumed for a time tON =
20ms. During tON, the device output will be current limited to
425mA or 775mA, depending on the ISEL bits. At the end of
tON, if the overload is still detected, the protection circuit will
cycle again through tOFF and tON. At the end of a full tON in
which no overload is detected, normal operation is resumed
and the OLF bit is reset to LOW. Typical tON + tOFF time is
920ms as determined by an internal timer. This dynamic
operation can greatly reduce the power dissipation in a short
circuit condition, still ensuring excellent power-on start-up in
most conditions.
However, there could be some cases in which a highly
capacitive load on the output may cause a difficult start-up
when the dynamic protection is chosen. This can be solved
by initiating any power start-up in static mode (DCL = HIGH)
and then switching to the dynamic mode (DCL = LOW) after
a chosen amount of time. When in static mode, the OLF1/2
bit goes HIGH when the current clamp limit is reached and
returns LOW when the overload condition is cleared. The
OLF1/2 bit will be LOW at the end of initial power-on soft-start.
Thermal Protection
This IC is protected against overheating. When the junction
temperature exceeds 150°C (typical), the step-up converter
and the linear regulator are shut off and the OTF bit of the
SR is set HIGH. Normal operation is resumed and the OTF
bit is reset LOW when the junction is cooled down to 135°C
(typical).
In over temperature conditions, the OTF Flag goes HIGH
and the I2C data will be cleared. The user may need to
monitor the I2C enable bits and OTF flag continuously and
enable the chip, if I2C data is cleared. OTF conditions may
also make the OLF flags go HIGH, when high capacitive
loads are present or self-heating conditions occur at higher
loads.
External Output Voltage Selection
The output voltage can be selected by the I2C bus.
Additionally, the QFN package offers two pins (SEL18V1,
SEL18V2) for independent 13V/18V output voltage
selection. When using these pins, the I2C bits should be
initialized to 13V status.
I2C Bus Interface for ISL6405
(Refer to Philips I2C Specification, Rev. 2.1)
Data transmission from main microprocessor to the ISL6405
and vice versa takes place through the two wire I2C bus
interface, consisting of the two lines SDA and SCL. Both SDA
and SCL are bidirectional lines, connected to a positive supply
voltage via a pull up resistor. (Pull up resistors to positive supply
voltage must be externally connected). When the bus is free,
both lines are HIGH. The output stages of ISL6405 will have an
open drain/open collector in order to perform the wired-AND
function. Data on the I2C bus can be transferred up to 100Kbps
in the standard-mode or up to 400Kbps in the fast-mode. The
level of logic “0” and logic “1” is dependent of associated value
of VDD as per electrical specification table. One clock pulse is
generated for each data bit transferred.
Data Validity
The data on the SDA line must be stable during the HIGH
period of the clock. The HIGH or LOW state of the data line
can only change when the clock signal on the SCL line is
LOW. Refer to Figure 1.
START and STOP Conditions
As shown in Figure 2, START condition is a HIGH to LOW
transition of the SDA line while SCL is HIGH.
The STOP condition is a LOW to HIGH transition on the SDA
line while SCL is HIGH. A STOP condition must be sent
before each START condition.
TABLE 1.
I2C BITS
SEL18V (1, 2)
O/P VOLTAGE
13V
Low
13V
14V
Low
14V
13V
High
18V
14V
High
19V
SDA
SCL
DATA LINE
STABLE
DATA VALID
CHANGE
OF DATA
ALLOWED
FIGURE 1. DATA VALIDITY
SDA
SCL
START
CONDITION
FIGURE 2. START AND STOP WAVEFORMS
STOP
CONDITION
SP
ISL6405


Similar Part No. - ISL6405EEB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6405ERZ INTERSIL-ISL6405ERZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6405ERZ-T INTERSIL-ISL6405ERZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6405EEB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 INTERSIL-ISL6424 Datasheet
374Kb / 12P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422 RENESAS-ISL6422 Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com