Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD310H Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # SCD310H
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SCD310H Datasheet(HTML) 2 Page - Zowie Technology Corporation

  SCD310H Datasheet HTML 1Page - Zowie Technology Corporation SCD310H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(20V~100V / 3.0A)
SCD32H THRU SCD310H
2007/12
REV. 0
FIG.1 - FORWARD CURRENT DERATING CURVE
3.0
2.0
1.0
0
0
50
70
90
110
130
150
170
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON
0.2X0.2"(5.0X5.0mm)
COPPER PAD AREAS
LEAD TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
0
10
20
30
50
60
70
40
80
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
.001
0
20
0.10
1.0
10
100
TJ=100
o
C
TJ=25
o
C
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
o
C
f=1.0MHz
Vsig=50mVP-P
REVERSE VOLTAGE, VOLTS
.1
400
1.0
10
100
100
10
SCD32H & SCD34H
SCD36H & SCD310H
0
0.001
10
0.01
0.10
1.00
0.1
0.2
0.3
0.4
0.5
0.8
1.0
0.9
0.7
0.6
FORWARD VOLTAGE, (V)
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Ta=25
oC
SCD32H~34H
SCD36H
SCD310H


Similar Part No. - SCD310H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD310H ZOWIE-SCD310H Datasheet
202Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - SCD310H

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com