Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6401CBZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6401CBZ-T
Description  Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6401CBZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6401CBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6401CBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6401CBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6401CBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6401CBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6401CBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6401CBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6401CBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6401CBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN9007.7
April 13, 2005
Start to Stop Hysteresis
0.2
0.5
0.8
V
SOFT-START - DIGITAL
COMP Rise Time
Rise from 0.5V to REF -1V
-
2048 clk
-
OSCILLATOR
Gate Output Frequency
Ct = 560pF
90
100
108
kHz
Gate Output Frequency Range
50
-
600
kHz
Temperature Stability
-5-
%
Sync. Frequency Range
1.1 Times the natural switching
frequency.
--
1.2
MHz
Sync Input HIGH
3.5
-
-
V
Sync Input LOW
--
1.5
V
Minimum Sync. Input Pulse Duty Cycle
-
20
-
%
OUTPUT
GATE Low Level
-0.2
0.5
V
GATE High VSAT
4.4
4.9
5.5
V
Rise Time
C load = 1500pF
-
35
-
ns
Fall Time
C load = 1500pF
-
40
-
ns
NOTES:
9. Specifications at -40°C are guaranteed by design, not production tested.
10. This is the VCC current consumed when the device is active but not switching. Does not include gate drive current.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. VCC = +5.0V ±10%, TA = -40 to 85°C (Note 9), Typical values are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. FREQUENCY vs TEMPERATURE
FIGURE 2. REFERENCE VOLTAGE vs TEMPERATURE
TEMPERATURE (°C)
-40
-20
25
60
85
120
100
80
60
40
20
0
TEMPERATURE (°C)
-40
-20
25
60
85
2.0
1.6
1.2
0.8
0.4
0.2
0
1.8
1.4
1.0
0.6
ISL6401


Similar Part No. - ISL6401CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6401CBZ INTERSIL-ISL6401CBZ Datasheet
332Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
logo
Renesas Technology Corp
ISL6401CBZ RENESAS-ISL6401CBZ Datasheet
690Kb / 13P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
More results

Similar Description - ISL6401CBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6401 RENESAS-ISL6401 Datasheet
690Kb / 13P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
logo
Intersil Corporation
ISL6401CB INTERSIL-ISL6401CB Datasheet
332Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
   SUBSCRIBER LINE INTERFACE MODULE
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com