Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2655 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD2655
Description  Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2655 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD2655_15 Datasheet HTML 1Page - Renesas Technology Corp 2SD2655_15 Datasheet HTML 2Page - Renesas Technology Corp 2SD2655_15 Datasheet HTML 3Page - Renesas Technology Corp 2SD2655_15 Datasheet HTML 4Page - Renesas Technology Corp 2SD2655_15 Datasheet HTML 5Page - Renesas Technology Corp 2SD2655_15 Datasheet HTML 6Page - Renesas Technology Corp 2SD2655_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SD2655
Preliminary
R07DS0281EJ0400 Rev.4.00
Page 3 of 6
Jan 10, 2014
Main Characteristics
0
50
100
150
200
Maximum Collector Dissipation Curve
0.6
10
100
1
00.8
Base to Emitter Voltage
VBE (V)
Typical transfer Characteristics
0.2
0.4
1.0
0
1.2
0.8
2.0
02
4
6
Typical Output Characteristics (1)
Ambient Temperature
Ta
(°C)
Collector to Emitter Voltage
VCE (V)
Collector to Emitter Voltage
VCE (V)
0.4
1.6
8
1200
1000
800
400
200
10
Pulse
IB = 350
µA
300 µA
250 µA
200 µA
150 µA
100
µA
50
µA
Typical Output Characteristics (2)
Pulse
IB = 1mA
2mA
3mA
4mA
5mA
6mA
1000
V
= 2V
Pulse
CE
200
100
500
400
300
200
100
When using alumina ceramic board
S = 25 mm x 60 mm, t = 0.7 mm
100
1000
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
1
100
1000
110
100
1000
Collector Current IC (mA)
Saturation Voltage vs.
Collector Current
0.001
0.01
0.1
1
110
10
VBE(sat)
VCE(sat)
IC/IB = 10
Pulse
VCE = 2V
Pulse


Similar Part No. - 2SD2655_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD2655 RENESAS-2SD2655_11 Datasheet
107Kb / 7P
   Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
More results

Similar Description - 2SD2655_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD2655 RENESAS-2SD2655_11 Datasheet
107Kb / 7P
   Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
logo
Toshiba Semiconductor
2SD2655 TOSHIBA-2SD2655 Datasheet
75Kb / 6P
   Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
logo
Renesas Technology Corp
2SD2655 RENESAS-2SD2655 Datasheet
69Kb / 6P
   Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
2SB1691 RENESAS-2SB1691_11 Datasheet
94Kb / 6P
   Silicon PNP Epitaxial Planer Low Frequency Power Amplifier
2SB1691 RENESAS-2SB1691 Datasheet
77Kb / 5P
   Silicon PNP Epitaxial Planer Low Frequency Power Amplifier
Rev.2.00, Dec.09.2004,
2SB1691 RENESAS-2SB1691_15 Datasheet
160Kb / 6P
   Silicon PNP Epitaxial Planer Low Frequency Power Amplifier
logo
Panasonic Semiconductor
2SD1051 PANASONIC-2SD1051 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1244 PANASONIC-2SD1244 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1934 PANASONIC-2SD1934 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2249 PANASONIC-2SD2249 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com