Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6291-2CRZTR5155-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6291-2CRZTR5155-T
Description  Li-ion/Li Polymer Linear Battery Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6291-2CRZTR5155-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6291-2CRZTR5155-T Datasheet HTML 3Page - Intersil Corporation ISL6291-2CRZTR5155-T Datasheet HTML 4Page - Intersil Corporation ISL6291-2CRZTR5155-T Datasheet HTML 5Page - Intersil Corporation ISL6291-2CRZTR5155-T Datasheet HTML 6Page - Intersil Corporation ISL6291-2CRZTR5155-T Datasheet HTML 7Page - Intersil Corporation ISL6291-2CRZTR5155-T Datasheet HTML 8Page - Intersil Corporation ISL6291-2CRZTR5155-T Datasheet HTML 9Page - Intersil Corporation ISL6291-2CRZTR5155-T Datasheet HTML 10Page - Intersil Corporation ISL6291-2CRZTR5155-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN9102.2
May 2, 2005
charge time exceeds the TIMEOUT interval, a fault is issued
and the charger is latched. The charger then enters the Fault
state.
The TIMEOUT limit is disabled when the TOEN pin is pulled
to LOW (see TOEN pin description for more information).
During the constant current charge mode, the STATUS pin
remains LOW and the FAULT pin remains HIGH.
Constant Voltage Charge Mode
The ISL6291 regulates the battery terminal voltage at VCH in
the constant voltage mode. As the battery continues being
charged, the charge current starts to decrease, as shown in
Figure 1. When the charge current drops to the minimum
value IMIN, programmed by the IMIN pin, the charge cycle
completes. The total charge time for the constant current
mode and the constant voltage mode must not exceed the
TIMEOUT interval, unless the TOEN pin is pulled LOW;
otherwise, the charger also stops charging and indicates a
FAULT status. During the constant voltage mode, the
STATUS remains LOW and the FAULT remains HIGH.
Two versions of ISL6291 (see Ordering Information) are
available: a 4.1V termination voltage version, and a 4.2V
termination voltage version.
Inhibit State
The charger enters the Inhibit State once a normal charge
cycle completes. The ISL6291 then monitors the battery
voltage. Once the battery voltage falls below the VRECHRG
threshold, a new charge cycle starts, as shown in Figure 1.
Both STATUS and FAULT are HIGH in this state.
Fault State
Two types of fault may occur during a charge cycle: the
TIMEOUT fault (refer to the TIME pin and the TOEN pin
description), and the temperature fault (see TEMP pin
description and the Battery Pack Temperature Monitoring
section). When a TIMEOUT fault occurs, the charger is
latched. The latch is released only by recycling the input
power or toggling the EN signal. When a temperature fault
occurs, the charger is reset and a new charge cycle starts
when the temperature fault ends. In case of a fault, the
FAULT pin indicates a logic LOW and the STATUS pin
outputs a logic HIGH.
Standby State
The charger is in the Standby State when the EN pin is held
LOW or the wall adapter is removed. The charger draws less
than 1µA of standby current when the adapter is removed.
Timing Diagram
Figure 2 summarizes the operation of the charger and the
key signals after an adapter is attached to the charger input.
No fault occurs in this diagram and the EN pin is assumed
not connected to logic LOW.
Internal Current Sensing
A 100,000:1 current mirror is employed to sense the current
in the pass element, as shown in the Block Diagram. The
current mirror is trimmed to 10% accuracy. The second
mirrored output, represented by ISEN2 in the block diagram,
is used to compare with the IMIN pin current to determine
the end-of-charge condition.
Charge Current Control
The charging current in the pass element is controlled by the
current amplifier CA, as shown in the Block Diagram. The
CA, the pass element, and the 100,000:1 current mirror form
a control loop. During a trickle charge mode or a constant
current charge mode, the control reference to the loop is the
reference current IR. The voltage amplifier VA does not
affect the loop operation because the battery voltage is lower
than the charge termination voltage VCH, so that the voltage
amplifier output is blocked by the diode connecting to the
current reference. If the charge current in the PMOS pass
element is too high, its mirrored output is higher than the
reference IR. The non-inverting input of the current amplifier
has a higher voltage than the inverting input so that the
current amplifier output increases, reducing the gate-to-
source voltage of the PMOS pass element. The current in
the pass element thereby reduces. If the charge current is
too low, the current amplifier output reduces to force the
current to increase.
During the Trickle mode charge, the current reference
typically equals 1/10 of the current in the IREF pin. During
the constant current mode, the reference current equals the
current in the IREF pin.
If the temperature inside the IC rises above a typical value of
100°C, the current source block starts to reduce the reference
current IR at a rate of 0.4µA/°C for every degree of
temperature rise.
FIGURE 2. TIMING DIAGRAM AFTER AN ADAPTER IS
ATTACHED TO THE CHARGER INPUT
VIN
V2P8
STATUS
FAULT
VBAT
I
CHARGE
15 Cycles to
1/8 TIMEOUT
15 Cycles
POR Threshold
200us
POR
3.0V V
MIN
V
RECHRG
t
0
t
1 t2 t3
t
4
t
5
t
6 t7
t
8
Charge Cycle
Charge
Cycle


Similar Part No. - ISL6291-2CRZTR5155-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6291-2CRZTR5155 RENESAS-ISL6291-2CRZTR5155 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
More results

Similar Description - ISL6291-2CRZTR5155-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com