Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6431EVAL1 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6431EVAL1
Description  Advanced Pulse-Width Modulation (PWM) Controller for Home Gateways
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6431EVAL1 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6431EVAL1 Datasheet HTML 1Page - Intersil Corporation ISL6431EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6431EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6431EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6431EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6431EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6431EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6431EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6431EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
completion of the OCP sampling and hold operation, the POR
function initiates the Soft Start operation.
Over Current Protection
The overcurrent function protects the converter from a shorted
output by using the upper MOSFET’s on-resistance, rDS(ON),
to monitor the current. This method enhances the converter’s
efficiency and reduces cost by eliminating a current sensing
resistor.
The overcurrent function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor
(ROCSET) programs the overcurrent trip level (see Typical
Application diagram).
Immediately following POR, the ISL6431 initiates the
Overcurrent Protection sampling and hold operation. First,
the internal error amplifier is disabled. This allows an internal
20
µA current sink to develop a voltage across ROCSET.The
ISL6431 then samples this voltage at the COMP pin. This
sampled voltage, which is referenced to the VCC pin, is held
internally as the Overcurrent Set Point.
When the voltage across the upper MOSFET, which is also
referenced to the VCC pin, exceeds the Overcurrent Set
Point, the overcurrent function initiates a soft-start sequence.
Figure 1 shows this operation with an overload condition. This
current is repeated with a 21ms period. Note that the inductor
current increases to over 14A during the Soft Start interval and
causes an overcurrent trip. The converter dissipates very little
power with this method. The measured input power for the
conditions of Figure 1 is only 0.25W.
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (20µA
typical). The OC trip point varies mainly due to the
MOSFET’s rDS(ON) variations. To avoid overcurrent tripping
in the normal operating load range, find the ROCSET resistor
from the equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for
,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
Soft Start
The POR function initiates the soft start sequence after the
overcurrent set point has been sampled. Soft start clamps the
error amplifier output (COMP pin) and reference input (non-
inverting terminal of the error amp) to the internally generated
Soft Start voltage. Figure 2 shows a typical soft start interval.
Initially the clamp on the error amplifier (COMP/OCSET pin)
controls the converter’s output voltage. The oscillator’s
triangular waveform is compared to the ramping error amplifier
voltage. This generates PHASE pulses of increasing width that
charge the output capacitor(s). With sufficient output voltage,
the clamp on the reference input controls the output voltage.
When the internally generated Soft Start voltage exceeds the
feedback (FB pin) voltage, the output voltage is in regulation.
This method provides a rapid and controlled output voltage rise.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to another
can generate voltage transients across the impedances of the
interconnecting bond wires and circuit traces. These
interconnecting impedances should be minimized by using
wide, short printed circuit traces. The critical components
should be located as close together as possible, using ground
plane construction or single point grounding.
FIGURE 1. OVERCURRENT OPERATION
0A
4A
2A
6A
8A
10A
12A
14A
TIME (50
µs/DIV.)
I
PEAK
I
OCSET xROCSET
r
DS ON
()
-----------------------------------------------------
=
I
PEAK
I
OUT MAX
()
∆I
()
2
----------
+
>
0V
TIME (1ms/DIV.)
FIGURE 2. SOFT START INTERVAL
VOUT
500mV/DIV.
ISL6431


Similar Part No. - ISL6431EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6431EVAL1 INTERSIL-ISL6431EVAL1 Datasheet
215Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
logo
Renesas Technology Corp
ISL6431EVAL1 RENESAS-ISL6431EVAL1 Datasheet
613Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
ISL6431EVAL1 RENESAS-ISL6431EVAL1 Datasheet
614Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
More results

Similar Description - ISL6431EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6431A INTERSIL-ISL6431A Datasheet
215Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
logo
Renesas Technology Corp
ISL6431 RENESAS-ISL6431 Datasheet
613Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
ISL6431A RENESAS-ISL6431A Datasheet
614Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
ISL8130 RENESAS-ISL8130 Datasheet
1Mb / 23P
   Advanced Single Universal Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL8130 INTERSIL-ISL8130 Datasheet
1Mb / 24P
   Advanced Single Universal Pulse-Width Modulation (PWM) Controller
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com