Electronic Components Datasheet Search |
|
ADR5044 Datasheet(PDF) 3 Page - Analog Devices |
|
ADR5044 Datasheet(HTML) 3 Page - Analog Devices |
3 / 16 page Data Sheet ADR5040/ADR5041/ADR5043/ADR5044/ADR5045 Rev. B | Page 3 of 16 SPECIFICATIONS ADR5040 ELECTRICAL CHARACTERISTICS IIN = 50 µA to 15 mA, TA = 25°C, unless otherwise noted. Table 2. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VOUT IIN = 100 µA Grade A 2.044 2.048 2.052 V Grade B 2.046 2.048 2.050 V INITIAL ACCURACY VOERR IIN = 100 µA Grade A –4.096 +4.096 mV ±0.2 % Grade B –2.048 +2.048 mV ±0.1 % TEMPERATURE COEFFICIENT1 TCVOUT –40°C < TA < +125°C Grade A 10 100 ppm/°C Grade B 10 75 ppm/°C OUTPUT VOLTAGE CHANGE vs. IIN ∆VR IIN = 50 µA to 1 mA –40°C < TA < +125°C 0.4 1.75 mV IIN = 1 mA to 15 mA –40°C < TA < +125°C 4 8 mV DYNAMIC OUTPUT IMPEDANCE (∆VR/∆IR) IIN = 50 µA to 15 mA 0.2 Ω MINIMUM OPERATING CURRENT IIN TA = 25°C 50 µA –40°C < TA < +125°C 60 µA VOLTAGE NOISE eN IIN = 100 µA; 0.1 Hz to 10 Hz 2.8 µV rms IIN = 100 µA; 10 Hz to 10 kHz 120 µV rms TURN-ON SETTLING TIME tR CLOAD = 0 µF 28 µs OUTPUT VOLTAGE HYSTERESIS ∆VOUT_HYS IIN = 1 mA 40 ppm 1 Guaranteed by design. ADR5041 ELECTRICAL CHARACTERISTICS IIN = 50 µA to 15 mA, TA = 25°C, unless otherwise noted. Table 3. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VOUT IIN = 100 µA Grade A 2.495 2.500 2.505 V Grade B 2.4975 2.500 2.5025 V INITIAL ACCURACY VOERR IIN = 100 µA Grade A –5 +5 mV ±0.2 % Grade B –2.5 +2.5 mV ±0.1 % TEMPERATURE COEFFICIENT1 TCVOUT –40°C < TA < +125°C Grade A 10 100 ppm/°C Grade B 10 75 ppm/°C OUTPUT VOLTAGE CHANGE vs. IIN ∆VR IIN = 50 µA to 1 mA –40°C < TA < +125°C 0.5 1.8 mV IIN = 1 mA to 15 mA –40°C < TA < +125°C 4 8 mV |
Similar Part No. - ADR5044_15 |
|
Similar Description - ADR5044_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |