Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6522IV Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6522IV
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522IV Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6522IV Datasheet HTML 2Page - Intersil Corporation ISL6522IV Datasheet HTML 3Page - Intersil Corporation ISL6522IV Datasheet HTML 4Page - Intersil Corporation ISL6522IV Datasheet HTML 5Page - Intersil Corporation ISL6522IV Datasheet HTML 6Page - Intersil Corporation ISL6522IV Datasheet HTML 7Page - Intersil Corporation ISL6522IV Datasheet HTML 8Page - Intersil Corporation ISL6522IV Datasheet HTML 9Page - Intersil Corporation ISL6522IV Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN9030.7
March 4, 2005
Overcurrent Protection
The overcurrent function protects the converter from a
shorted output by using the upper MOSFETs on-resistance,
rDS(ON) to monitor the current. This method enhances the
converter’s efficiency and reduces cost by eliminating a
current sensing resistor.
The overcurrent function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor (ROCSET)
programs the overcurrent trip level. An internal 200
µA
(typical) current sink develops a voltage across ROCSET that
is reference to VIN. When the voltage across the upper
MOSFET (also referenced to VIN) exceeds the voltage
across ROCSET, the overcurrent function initiates a soft-start
sequence. The soft-start function discharges CSS with a
10
µA current sink and inhibits PWM operation. The soft-start
function recharges CSS, and PWM operation resumes with
the error amplifier clamped to the SS voltage. Should an
overload occur while recharging CSS, the soft-start function
inhibits PWM operation while fully charging CSS to 4V to
complete its cycle. Figure 4 shows this operation with an
overload condition. Note that the inductor current increases
to over 15A during the CSS charging interval and causes an
overcurrent trip. The converter dissipates very little power
with this method. The measured input power for the
conditions of Figure 4 is 2.5W.
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200µA
is typical). The OC trip point varies mainly due to the
MOSFETs rDS(ON) variations. To avoid overcurrent tripping
in the normal operating load range, find the ROCSET resistor
from the equation above with:
The maximum rDS(ON) at the highest junction temperature.
1. The minimum IOCSET from the specification table.
2. Determine
,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled Output Inductor Selection.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Current Sinking
The ISL6522 incorporates a MOSFET shoot-through
protection method which allows a converter to sink current
as well as source current. Care should be exercised when
designing a converter with the ISL6522 when it is known that
the converter may sink current.
When the converter is sinking current, it is behaving as a boost
converter that is regulating its input voltage. This means that
the converter is boosting current into the VIN rail, the voltage
that is being down-converted. If there is nowhere for this current
to go, such as to other distributed loads on the VIN rail, through
a voltage limiting protection device, or other methods, the
capacitance on the VIN bus will absorb the current. This
situation will cause the voltage level of the VIN rail to increase. If
the voltage level of the rail is boosted to a level that exceeds the
maximum voltage rating of the MOSFETs or the input
capacitors, damage may occur to these parts. If the bias
voltage for the ISL6522 comes from the VIN rail, then the
FIGURE 3. SOFT-START INTERVAL
VOLTAGE
TIME
VOSC(MIN)
t0
t1
t2
CLAMP ON VCOMP RELEASED AT
VCOMP
VSOFT START
VOUT
t
1
C
SS
I
SS
----------- V
OSC MIN
()
=
tSoftStart
t
2
t
1
C
SS
I
SS
-----------
V
OUT
SteadyState
V
IN
------------------------------------------------
∆V
OSC
⋅⋅
==
Where:
CSS = Soft Start Capacitor
ISS = Soft Start Current = 10µA
VOSC(MIN) = Bottom of Oscillator = 1.35V
VIN = Input Voltage
∆VOSC = Peak to Peak Oscillator Voltage = 1.9V
VOUTSteadyState = Steady State Output Voltage
STEADY STATE
0A
0V
TIME (20ms/DIV)
5A
10A
15A
2V
4V
FIGURE 4. OVERCURRENT OPERATION
IPEAK
IOCSET ROCSET
rDS ON
()
---------------------------------------------------
=
IPEAK for IPEAK IOUT MAX
()
∆I
() 2
+
>
ISL6522


Similar Part No. - ISL6522IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6522IV INTERSIL-ISL6522IV Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522IV RENESAS-ISL6522IV Datasheet
828Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522IVZ INTERSIL-ISL6522IVZ Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522IVZ RENESAS-ISL6522IVZ Datasheet
828Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com