Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6523EVAL1 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6523EVAL1
Description  VRM8.5 Dual PWM and Dual Linear Power System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6523EVAL1 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6523EVAL1 Datasheet HTML 1Page - Intersil Corporation ISL6523EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6523EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6523EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6523EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6523EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6523EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6523EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6523EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V
PGOOD, RT/FAULT, DRIVE, PHASE, and
GATE Voltage. . . . . . . . . . . . . . . . . . . GND - 0.3V to VCC + 0.3V
Input, Output or I/O Voltage . . . . . . . . . . . . . . . . . . GND -0.3V to 7V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Recommended Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +12V ±10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Junction Temperature Range. . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
ICC
UGATE1, LGATE1, UGATE2, DRIVE3, and
DRIVE4 Open
-9
-
mA
POWER-ON RESET
Rising VCC Threshold
-
-
10.4
V
Falling VCC Threshold
8.2
-
-
V
Rising VAUX Threshold
-2.5
-
V
VAUX Threshold Hysteresis
-0.5
-
V
Rising VOCSET1 Threshold
-1.26-
V
OSCILLATOR
Free Running Frequency
FOSC
185
200
215
kHz
Ramp Amplitude
∆VOSC
-1.9
-
VP-P
DAC AND STANDARD BUCK REGULATOR REFERENCE
DAC (VID25-VID3) Input Low Voltage
--
0.8
V
DAC (VID25-VID3) Input High Voltage
2.0
-
-
V
DACOUT Voltage Accuracy
-1.0
-
+1.0
%
PWM2 Regulation Voltage
-1.2
-
V
PWM2 Regulation Voltage Tolerance
-3
-
%
1.5V AND 1.8V LINEAR REGULATORS (VOUT3 AND VOUT4)
Regulation Tolerance
-3
-
%
VSEN3 Regulation Voltage
VREG3
-1.5
-
V
VSEN4 Regulation Voltage
VREG4
-1.8
-
V
VSEN3,4 Under-Voltage Level
VSEN3,4UV VSEN3,4 Rising
-
75
-
%
VSEN3 Under-Voltage Hysteresis
VSEN3 Falling
-
7
-
%
Output Drive Current
VAUX-VDRIVE3,4 > 0.6V
20
40
-
mA
SYNCHRONOUS PWM CONTROLLER ERROR AMPLIFIER
DC Gain
Note 2
-
88
-
dB
Gain-Bandwidth Product
GBWP
Note 2
-
15
-
MHz
Slew Rate
SR
COMP1 = 10pF, Note 2
-
6
-
V/
µs
PWM CONTROLLERS GATE DRIVERS
UGATE1,2 Source
IUGATE
VCC = 12V, VUGATE1 (or VUGATE2) = 6V
-
1
-
A
UGATE1,2 Sink
RUGATE
VGATE-PHASE = 1V
-
1.7
3.5
ISL6523A


Similar Part No. - ISL6523EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6523EVAL1 INTERSIL-ISL6523EVAL1 Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Renesas Technology Corp
ISL6523EVAL1 RENESAS-ISL6523EVAL1 Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
More results

Similar Description - ISL6523EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Intersil Corporation
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Renesas Technology Corp
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Renesas Technology Corp
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
List of Unclassifed Man...
RT9229 ETC1-RT9229 Datasheet
219Kb / 10P
   Advaced Dual PWM and Dual Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com