Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6524ACBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6524ACBZ
Description  VRM8.5 PWM and Triple Linear Power System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6524ACBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6524ACBZ Datasheet HTML 3Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 4Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 5Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 6Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 7Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 8Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 9Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 10Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN9064.1
April 8, 2005
This way, the output voltage of the two regulators can be
adjusted from 1.26V up to the input voltage (+3.3V or +5V;
VOUT4 can only be set from 1.7V up) by way of an external
resistor divider connected at the corresponding VSEN pin.
The new output voltage set by the external resistor divider can
be determined using the following formula:
where ROUT is the resistor connected from VSEN to the
output of the regulator, and RGND is the resistor connected
from VSEN to ground. Left open, the FIX pin is pulled high,
enabling fixed output voltage operation.
DRIVE3 (Pin 18)
Connect this pin to the gate/base of a N-type external pass
transistor (MOSFET or bipolar). This pin provides the drive
for the 1.5V regulator’s pass transistor.
VSEN3 (Pin 19)
Connect this pin to the output of the 1.5V linear regulator.
This pin is monitored for undervoltage events.
DRIVE4 (Pin 15)
Connect this pin to the base of an external bipolar transistor.
This pin provides the drive for the 1.8V regulator’s pass
transistor.
VSEN4 (Pin 14)
Connect this pin to the output of the linear 1.8V regulator.
This pin is monitored for undervoltage events.
FAULT/RT (Pin 10)
This pin provides oscillator switching frequency adjustment.
By placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased according to the
following equation:
Conversely, connecting a resistor from this pin to VCC
reduces the switching frequency according to the following
equation:
Nominally, the voltage at this pin is 1.26V. In the event of an
over-voltage or over-current condition, this pin is internally
pulled to VCC.
Description
Operation
The ISL6524A monitors and precisely controls 4 output voltage
levels (Refer to Figures 1, 2, 3). It is designed for
microprocessor computer applications with 3.3V, 5V, and 12V
bias input from an ATX power supply. The IC has one PWM
and three linear controllers. The PWM controller is designed to
regulate the microprocessor core voltage (VOUT1). The PWM
controller drives 2 MOSFETs (Q1 and Q2) in a synchronous-
rectified buck converter configuration and regulates the core
voltage to a level programmed by the 5-bit digital-to-analog
converter (DAC). The first linear controller (EA2) is designed to
provide the AGTL+ bus voltage (VOUT2) by driving a MOSFET
(Q3) pass element to regulate the output voltage to a level of
1.2V. The remaining two linear controllers (EA3 and EA4)
supply the 1.5V advanced graphics port (AGP) bus power
(VOUT3) and the 1.8V chipset core power (VOUT4).
Initialization
The ISL6524A automatically initializes in ATX-based systems
upon receipt of input power. The Power-On Reset (POR)
function continually monitors the input supply voltages. The
POR monitors the bias voltage (+12VIN) at the VCC pin, the
5V input voltage (+5VIN) at the OCSET pin, and the 3.3V input
voltage (+3.3VIN) at the VAUX pin. The normal level on
OCSET is equal to +5VIN less a fixed voltage drop (see over-
current protection). The POR function initiates soft-start
operation after all supply voltages exceed their POR
thresholds.
Soft-Start
The 1.8V supply designed to power the chipset (OUT4),
cannot lag the ATX 3.3V by more than 2V, at any time. To
meet this special requirement, the linear block controlling this
output operates independently of the chip’s power-on reset.
Thus, DRIVE4 is driven to raise the OUT4 voltage before the
input supplies reach their POR levels. As seen in Figure 6, at
time T0 the power is turned on and the input supplies ramp
up. Immediately following, OUT4 is also ramped up, lagging
the ATX 3.3V by about 1.8V. At time T1, the POR function
initiates the SS24 soft-start sequence. Initially, the voltage on
the SS24 pin rapidly increases to approximately 1V (this
minimizes the soft-start interval). Then, an internal 28
µA
current source charges an external capacitor (CSS24) on the
SS24 pin to about 4.5V. As the SS24 voltage increases, the
EA2 error amplifier drives Q3 to provide a smooth transition to
the final set voltage. The OUT4 reference (clamped to SS24)
increasing past the intermediary level, established based on
the ATX 3.3V presence at the VAUX pin, brings the output in
regulation soon after T2.
As OUT2 increases past the 90% power-good level, the second
soft-start (SS13) is released. Between T2 and T3, the SS13 pin
voltage ramps from 0V to the valley of the oscillator’s triangle
wave (at 1.25V). Contingent upon OUT2 remaining above
1.08V, the first PWM pulse on PHASE1 triggers the VTTPG pin
to go high. The oscillator’s triangular wave form is compared to
the clamped error amplifier output voltage. As the SS13 pin
voltage increases, the pulse-width on the PHASE1 pin
increases, bringing the OUT1 output within regulation limits.
Similarly, the SS13 voltage clamps the reference voltage for
OUT3, enabling a controlled output voltage ramp-up. At time
T4, all output voltages are within power-good limits, situation
reported by the PGOOD pin going high.
VOUT
1.265V
1
ROUT
RGND
-----------------
+



×
=
Fs 200kHz
510
6
×
RT kΩ
()
---------------------
+
(RT to GND)
Fs 200kHz
410
7
×
RT kΩ
()
---------------------
(RT to 12V)


Similar Part No. - ISL6524ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6524ACBZ RENESAS-ISL6524ACBZ Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
ISL6524ACBZA-T RENESAS-ISL6524ACBZA-T Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
More results

Similar Description - ISL6524ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Renesas Technology Corp
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Intersil Corporation
ISL6523A INTERSIL-ISL6523A Datasheet
408Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
List of Unclassifed Man...
RT9238 ETC-RT9238 Datasheet
434Kb / 24P
   VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com