Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6528CB-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6528CB-T
Description  Dual Regulator - Standard Buck PWM and Linear Power Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6528CB-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6528CB-T Datasheet HTML 5Page - Intersil Corporation ISL6528CB-T Datasheet HTML 6Page - Intersil Corporation ISL6528CB-T Datasheet HTML 7Page - Intersil Corporation ISL6528CB-T Datasheet HTML 8Page - Intersil Corporation ISL6528CB-T Datasheet HTML 9Page - Intersil Corporation ISL6528CB-T Datasheet HTML 10Page - Intersil Corporation ISL6528CB-T Datasheet HTML 11Page - Intersil Corporation ISL6528CB-T Datasheet HTML 12Page - Intersil Corporation ISL6528CB-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN9038.3
December 28, 2004
by placing them nearby. Position both the ceramic and bulk
input capacitors as close to the upper MOSFET drain as
possible. Position the output inductor and output capacitors
between the upper MOSFET and lower diode and the load.
The critical small signal components include any bypass
capacitors, feedback components, and compensation
components. Position the bypass capacitor, CBP, close to
the VCC pin with a via directly to the ground plane. Place the
PWM converter compensation components close to the FB
and COMP pins. The feedback resistors for both regulators
should also be located as close as possible to the relevant
FB pin with vias tied straight to the ground plane as required.
Component Selection Guidelines
Output Capacitor Selection
Output capacitors are required to filter the output and supply
the load transient current. The filtering requirements are a
function of switching frequency and output current ripple.
The load transient requirements are a function of the
transient load current slew rate (di/dt) and magnitude. These
requirements are generally met with a mix of capacitors and
careful layout.
PWM REGULATOR OUTPUT CAPACITORS
Modern digital ICs can produce high transient load slew
rates. High frequency capacitors initially supply the transient
current and slow the load rate-of-change seen by the bulk
capacitors. The bulk filter capacitor selection is generally
determined by the effective series resistance (ESR) and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Specialized low-ESR capacitors intended for switching-
regulator applications are recommended for the bulk
capacitors. The bulk capacitor’s ESR determines the output
ripple voltage and the initial voltage drop following a high
slew-rate transient edge. Aluminum electrolytic, tantalum,
and special polymer capacitor ESR values are related to the
case size with lower ESR available in larger case sizes.
However, the equivalent series inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient
loading. Unfortunately, ESL is not a specified parameter.
Work with your capacitor supplier and measure the
capacitor’s impedance with frequency to select a suitable
component. In most cases, multiple electrolytic capacitors of
small case size perform better than a single large case
capacitor.
LINEAR REGULATOR OUTPUT CAPACITORS
The output capacitors for the linear regulator provide
dynamic load current. The linear controller uses dominant
pole compensation integrated into the error amplifier and is
relatively insensitive to output capacitor selection. Output
capacitors should be selected for transient load regulation.
PWM Output Inductor Selection
The PWM converter requires an output inductor. The output
inductor is selected to meet the output voltage ripple
requirements and sets the converter response time to a load
transient. The inductor value determines the converter’s
ripple current and the ripple voltage is also a function of the
ripple current. The ripple voltage and current are
approximated by the following equations:
Increasing the value of inductance reduces the output ripple
current and voltage ripple. However, increasing the
VOUT1
+5 VCC
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT
COUT1
CIN
+3.3 VIN
KEY
COMP
ISL6528
UGATE
R4
R2
CBP
FB
DRIVE2
GND
VCC
D1
FIGURE 7. PRINTED CIRCUIT BOARD POWER PLANES AND
ISLANDS
R1
Q2
VOUT2
BOOT
FB2
C2
VIA CONNECTION TO GROUND PLANE
COUT2
Q1
CBOOT
+3.3 VIN
R5
R6
PHASE
D2
R3
C3
C1
∆I
VIN VOUT
FS L
×
--------------------------------
VOUT
VIN
----------------
×
=
VOUT
I
ESR
×
=
(EQ. 11)
(EQ. 12)
ISL6528


Similar Part No. - ISL6528CB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528CB-T INTERSIL-ISL6528CB-T Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528CB-T RENESAS-ISL6528CB-T Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
More results

Similar Description - ISL6528CB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com