Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6530 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6530
Description  Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6530 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6530 Datasheet HTML 2Page - Intersil Corporation ISL6530 Datasheet HTML 3Page - Intersil Corporation ISL6530 Datasheet HTML 4Page - Intersil Corporation ISL6530 Datasheet HTML 5Page - Intersil Corporation ISL6530 Datasheet HTML 6Page - Intersil Corporation ISL6530 Datasheet HTML 7Page - Intersil Corporation ISL6530 Datasheet HTML 8Page - Intersil Corporation ISL6530 Datasheet HTML 9Page - Intersil Corporation ISL6530 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN9052.2
November 15, 2004
Functional Pin Description
24 LEAD (SOIC)
TOP VIEW
32 LEAD (QFN)
TOP VIEW
BOOT1 and BOOT2
These pins provide bias voltage to the upper MOSFET
drivers. A single capacitor bootstrap circuit may be used to
create a BOOT voltage suitable to drive a standard N-
Channel MOSFET.
UGATE1 and UGATE2
Connect UGATE1 and UGATE2 to the corresponding upper
MOSFET gate. These pins provide the gate drive for the
upper MOSFETs. UGATE2 is also monitored by the adaptive
shoot through protection to determine when the upper FET
of the VTT regulator has turned off.
LGATE1 and LGATE2
Connect LGATE1 and LGATE2 to the corresponding lower
MOSFET gate. These pins provide the gate drive for the
lower MOSFETs. These pins are monitored by the adaptive
shoot through protection to determine when the lower FET
has turned off.
PGND1 and PGND2
These are the power ground connections for the gate drivers
of the PWM controllers. Tie these pins to the ground plane
through the lowest impedence connection available.
OCSET/SD
A resistor (ROCSET) connected from this pin to the drain of
the upper MOSFET of the VDDQ regulator sets the
overcurrent trip point. ROCSET, an internal 40µA current
source (IOCS), and the upper MOSFET on-resistance
(rDS(ON)) set the VDDQ converter over-current (OC) trip
point according to the following equation:
An overcurrent trip cycles the soft-start function.
Pulling the OCSET/SD pin to ground resets the ISL6530 and
all external MOSFETS are turned off allowing the two output
voltage power rails to float.
PGOOD
A high level on this open-drain output indicates that both the
VDDQ and VTT regulators are within normal operating
voltage ranges.
GNDA
Signal ground for the IC. Tie this pin to the ground plane
through the lowest impedence connection available.
VCC
The 5V bias supply for the chip is connected to this pin. This
pin is also the positive supply for the lower gate driver,
LGATE2. Connect a well decoupled 5V supply to this pin.
V2_SD
A high level on the V2_SD input places the V2 controller into
“sleep” mode. In sleep mode, both UGATE2 and LGATE2
are driven low, effectively floating the VTT supply.
15
16
17
10
9
8
VREF_IN
PHASE2
SENSE2
FB2
VCC
GNDA
18
19
20
21
22
23
24
7
6
5
4
3
2
1
BOOT1
PHASE1
FB1
SENSE1
VREF
PGND1
PVCC1
OCSET/SD
V2_SD
PGOOD
COMP2
LGATE1
COMP1
UGATE1
13
14
12
11
UGATE2
LGATE2
PGND2
BOOT2
PHASE 1
VREF
FB1
COMP1
SENSE1
VREF_IN
GNDA
GNDA
PVCC1
OCSET/SD
V2_SD
PGOOD
COMP2
SENSE2
FB2
VCC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
910
11
12
13
14
15
16
I
PEAK
I
OCS
R
OCSET
r
DS ON
()
--------------------------------------------
=
ISL6530


Similar Part No. - ISL6530

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6530/31EVAL1 INTERSIL-ISL6530/31EVAL1 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Renesas Technology Corp
ISL6530/31EVAL1 RENESAS-ISL6530/31EVAL1 Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL653031EVAL1 INTERSIL-ISL653031EVAL1 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Renesas Technology Corp
ISL6530CB RENESAS-ISL6530CB Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results

Similar Description - ISL6530

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
   Synchronous Buck Pulse-Width Modulator PWM Controller
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com