Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2173 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-2173
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2173 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-2173_15 Datasheet HTML 4Page - Analog Devices ADSP-2173_15 Datasheet HTML 5Page - Analog Devices ADSP-2173_15 Datasheet HTML 6Page - Analog Devices ADSP-2173_15 Datasheet HTML 7Page - Analog Devices ADSP-2173_15 Datasheet HTML 8Page - Analog Devices ADSP-2173_15 Datasheet HTML 9Page - Analog Devices ADSP-2173_15 Datasheet HTML 10Page - Analog Devices ADSP-2173_15 Datasheet HTML 11Page - Analog Devices ADSP-2173_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
REV. A
–8–
ADSP-2171/ADSP-2172/ADSP-2173
Program Memory Interface
The on-chip program memory address bus (PMA) and the on-
chip program memory data bus (PMD) are multiplexed with
on-chip DMA and DMD buses, creating a single external data
bus and a single external address bus. The 14-bit address bus
directly addresses up to 16K words. 10K words of memory for
ADSP-217x with optional 8K ROM and 2K words of memory
for the non-ROM version are on-chip. The data bus is bidirec-
tional and 24 bits wide to external program memory. Program
memory may contain code and data.
The program memory data lines are bidirectional. The program
memory select (PMS) signal indicates access to the program
memory and can be used as a chip select signal. The write (WR)
signal indicates a write operation and is used as a write strobe.
The read (RD) signal indicates a read operation and is used as a
read strobe or output enable signal.
The ADSP-217x writes data from its 16-bit registers to the 24-
bit program memory using the PX register to provide the lower
eight bits. When it reads data (not instructions) from 24-bit pro-
gram memory to a 16-bit data register, the lower eight bits are
placed in the PX register.
Program Memory Maps
ADSP-217x
Program memory can be mapped in two ways, depending on the
state of the MMAP pin. Figure 5 shows the different configura-
tions. When MMAP = 0, internal RAM occupies 2K words be-
ginning at address 0x0000. In this configuration, the boot
loading sequence (described in “Boot Memory Interface”) is au-
tomatically initiated when RESET is released.
37FF
3800
3FFF
0000
MMAP = 1
BMODE = 0
2K
EXTERNAL
27FF
2800
8K
INTERNAL ROM
(ROMENABLE = 1)
OR
4K
EXTERNAL
2K
INTERNAL RAM
07FF
0800
8K
EXTERNAL
(ROMENABLE = 0)
2K
INTERNAL RAM
NOT BOOTED
6K
EXTERNAL
3FFF
0000
27FF
2800
07FF
0800
MMAP = 1
BMODE = 1
8K
INTERNAL ROM
(ROMENABLE
DEFAULTS
TO 1
DURING RESET)
MMAP = 0
BMODE = 0 or 1
2K
INTERNAL RAM
BOOTED
6K
EXTERNAL
3FFF
0000
27FF
2800
07FF
0800
OR
8K
EXTERNAL
(ROMENABLE = 0)
8K
INTERNAL ROM
(ROMENABLE = 1)
Figure 5. ADSP-217x Memory Maps
When MMAP = 1, words of external program memory begin at
address 0x0000 and internal RAM is located in the upper 2K
words, beginning at address 0x3800. In this configuration, pro-
gram memory is not loaded although it can be written to and
read from under program control.
The optional ROM always resides at locations PM[0x0800]
through PM[0x27FF] regardless of the state of the MMAP pin.
The ROM is enabled by setting the ROMENABLE bit in the
Data Memory Wait State control register, DM[0x3FFE]. When
the ROMENABLE bit is set to 1, addressing program memory
in this range will access the on-chip ROM. When set to zero,
addressing program memory in this range will access external
program memory. The ROMENABLE bit is set to 0 on chip re-
set unless MMAP and BMODE = 1.
The program memory interface can generate 0 to 7 wait states
for external memory devices; default is to 7 wait states after
RESET
.
Boot Memory Interface
The ADSP-217x can load on-chip memory from external boot
memory space. The boot memory space consists of 64K by 8-bit
space, divided into eight separate 8K by 8-bit pages. Three bits
in the system control register select which page is loaded by the
boot memory interface. Another bit in the system control regis-
ter allows the user to force a boot loading sequence under soft-
ware control. Boot loading from page 0 after RESET is initiated
automatically if MMAP = 0.
The boot memory interface can generate 0 to 7 wait states; it
defaults to 7 wait states after RESET. This allows the ADSP-
217x to boot from a single low cost EPROM such as a 27C256.
Program memory is booted one byte at a time and converted to
24-bit program memory words.
The BMS and RD signals are used to select and to strobe the
boot memory interface. Only 8-bit data is read over the data
bus, on pins D8–D15. To accommodate addressing up to eight
pages of boot memory, the two MSBs of the data bus are used
in the boot memory interface as the two MSBs of the boot space
address.
The ADSP-2100 Family Assembler and Linker support the cre-
ation of programs and data structures requiring multiple boot
pages during execution.
RD
and WR must always be qualified by PMS, DMS, or BMS
to ensure the correct program, data, or boot memory accessing.
HIP Booting
The ADSP-217x can also boot programs through its Host Inter-
face Port. If BMODE = 1 and MMAP = 0, the ADSP-217x
boots from the HIP. If BMODE = 0, the ADSP-217x boots
through the data bus (in the same way as the ADSP-2101), as
described above in “Boot Memory Interface.” For additional in-
formation about HIP booting, refer to the ADSP-2100 Family
User’s Manual, Chapter 7, “Host Interface Port.”
The ADSP-2100 Family Development Software includes a util-
ity program called the HIP Splitter. This utility allows the cre-
ation of programs that can be booted via the ADSP-217x’s HIP,
in a similar fashion as EPROM-bootable programs generated by
the PROM Splitter utility.


Similar Part No. - ADSP-2173_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2173BS-80 AD-ADSP-2173BS-80 Datasheet
664Kb / 52P
   DSP Microcomputer
REV. A
ADSP-2173BST-80 AD-ADSP-2173BST-80 Datasheet
664Kb / 52P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2173_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com