Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6529EVAL1 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6529EVAL1
Description  Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6529EVAL1 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6529EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6529EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6529EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6529EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6529EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6529EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL6529EVAL1 Datasheet HTML 10Page - Intersil Corporation ISL6529EVAL1 Datasheet HTML 11Page - Intersil Corporation ISL6529EVAL1 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN9070.5
April 12, 2005
Undervoltage Protection
The FB and FB2 pins are monitored during converter
operation by two separate undervoltage (UV) comparators. If
the FB voltage drops below 51.5% of the reference voltage
(0.41V), a fault signal is generated. The internal fault logic
shuts down both regulators simultaneously when the fault
signal triggers a restart.
Figure 3 illustrates the protection feature responding to a UV
event on VOUT1. At time t0, VOUT1 has dropped below
51.5% of the nominal output voltage. Both outputs are quickly
shut down and the internal soft-start function begins
producing soft-start ramps. The delay interval, t0 to t3, seen
by the output is equivalent to three soft-start cycles. After a
short delay interval of 10.5ms, the fourth internal soft-start
cycle initiates a normal soft-start ramp of the output, at time t3.
Both outputs are brought back into regulation by time t4, as
long as the UV event has cleared.
Had the cause of the UV still been present after the delay
interval, the UV protection circuitry becomes active
approximately 875ms into the soft-start interval. A fault
signal could then be generated and the outputs once again
shut down. The resulting hiccup mode style of protection
would continue to repeat indefinitely.
Output Voltage Selection
The output voltage of the PWM converter can be programmed
to any level between VIN (i.e. +3.3V) and the internal
reference, 0.8V. An external resistor divider is used to scale
the output voltage relative to the reference voltage and feed it
back to the inverting input of the error amplifier (see Figure 4).
CAPACITOR CURRENT
CAPACITOR CURRENT
1.5V OUTPUT
1.5V OUTPUT
FIGURE 2. TOP SCOPE TRACES ARE VOLTAGE RAMP AND
CAPACITOR CURRENT. LOWER TRACES ARE
TIME AND VOLTAGE EXPANSION OF UPPER
SCOPE TRACES.
FIGURE 3. UNDERVOLTAGE PROTECTION RESPONSE
0V
0V
TIME
VOUT2 (2.5V)
t1
t2
t3
t0
t4
(0.5V/DIV)
VOUT1 (1.5V)
INTERNAL SOFT-START FUNCTION
VOUT2 (2.5V)
DELAY INTERVAL
DELAY INTERVAL
ISL6529, ISL6529A


Similar Part No. - ISL6529EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529EVAL1 INTERSIL-ISL6529EVAL1 Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529EVAL1 RENESAS-ISL6529EVAL1 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
More results

Similar Description - ISL6529EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com