Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL653031EVAL1 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL653031EVAL1
Description  Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL653031EVAL1 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL653031EVAL1 Datasheet HTML 1Page - Intersil Corporation ISL653031EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL653031EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL653031EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL653031EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL653031EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL653031EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL653031EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL653031EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN9052.2
November 15, 2004
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Boot Voltage, VBOOTn - VPHASEn . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance
θJA (oC/W) θJC (oC/W)
SOIC Package (Note 1) . . . . . . . . . . . .
65
N/A
QFN Package (Note 2). . . . . . . . . . . . .
33
4
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead tips only)
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Recommended Operating Conditions with Vcc = 5V, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
ICC
OCSET/SD = VCC;
UGATE1, UGATE2, LGATE1, and LGATE2
Open
-5-
mA
Shutdown Supply
OCSET/SD = 0V
-
3
-
mA
POWER-ON RESET
Rising VCC Threshold
VOCSET/SD = 4.5V
4.25
-
4.5
V
Falling VCC Threshold
VOCSET/SD = 4.5V
3.75
-
4.0
V
OSCILLATOR
Free Running Frequency
VCC = 5
275
300
325
kHz
REFERENCES
Reference Voltage
(V2 Error Amp Reference)
VVREF
SENSE1 = 2.5V
49.5
50
50.5
%SENSE1
V1 Error Amp Reference Voltage
Tolerance
--
2
%
V1 Error Amp Reference
VREF
VCC = 5
-
0.8
-
V
ERROR AMPLIFIERS
DC Gain
-82-
dB
Gain-Bandwidth Product
GBW
-
15
-
MHz
Slew Rate
SR
COMP = 10pF
-
6
-
V/
µs
WINDOW REGULATOR
Load Current
-±10
-
mA
Output Voltage Error
V2_SD = VCC; ±10mA load on V2
-
±7
%
GATE DRIVERS
Upper Gate Source (UGATE1 and 2)
IUGATE
VCC = 5V, VUGATE = 2.5V
-
-1
-
A
Upper Gate Sink (UGATE1 and 2)
IUGATE
VUGATE-PHASE = 2.5V
-
1
-
A
Lower Gate Source (LGATE1 and 2)
ILGATE
VCC = 5V, VLGATE = 2.5V
-
-1
-
A
Lower Gate Sink (LGATE1 and 2)
ILGATE
VLGATE = 2.5V
-
2
-
A
PROTECTION
OCSET/SD Current Source
IOCSET
VOCSET = 4.5VDC
34
40
46
µA
OCSET/SD Disable Voltage
VRESET
-0.8
-
V
ISL6530


Similar Part No. - ISL653031EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL653031EVAL1 INTERSIL-ISL653031EVAL1 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results

Similar Description - ISL653031EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
   Synchronous Buck Pulse-Width Modulator PWM Controller
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com