Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6530CBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6530CBZ
Description  Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6530CBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6530CBZ Datasheet HTML 3Page - Intersil Corporation ISL6530CBZ Datasheet HTML 4Page - Intersil Corporation ISL6530CBZ Datasheet HTML 5Page - Intersil Corporation ISL6530CBZ Datasheet HTML 6Page - Intersil Corporation ISL6530CBZ Datasheet HTML 7Page - Intersil Corporation ISL6530CBZ Datasheet HTML 8Page - Intersil Corporation ISL6530CBZ Datasheet HTML 9Page - Intersil Corporation ISL6530CBZ Datasheet HTML 10Page - Intersil Corporation ISL6530CBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN9052.2
November 15, 2004
While the VTT supply “floats”, it is held to about 50% of
VDDQ via a low current window regulator which drives VTT
via the SENSE2 pin. The window regulator can overcome up
to at least
±10mA of leakage on VTT.
While V2_SD is high, PGOOD is low.
PHASE1 and PHASE2
Connect PHASE1 and PHASE2 to the corresponding upper
MOSFET source. This pin is used as part of the upper
MOSFET bootstrapped drives. PHASE1 is used to monitor
the voltage drop across the upper MOSFET of the VDDQ
regulator for over-current protection. The PHASE1 pin is
monitored by the adaptive shoot through protection circuitry
to determine when the upper FET of the VDDQ supply has
turned off.
FB1, COMP1, FB2, and COMP2
COMP1, COMP2, FB1, and FB2 are the available external
pins of the error amplifiers. The FB1 and FB2 pins are the
inverting inputs of each error amplifier and the COMP1 and
COMP2 pins are the associated outputs. An appropriate AC
network across these pins is used to compensate the
voltage-controlled feedback loop of each converter.
VREF and VREF_IN
VREF produces a voltage equal to one half of the voltage on
SENSE1. This low current output is connected to the VREF
input of the DDRAM devices being powered. This same
voltage is used as the reference input of the VTT error
amplifier. Thus VTT is controlled to 50% of VDDQ.
VREF_IN is used as an option to overdrive the internal
resistor divider network that sets the voltage for both
VREF_OUT and the reference voltage for the VTT supply. A
100pF capacitor between VREF_IN and ground is
recommended for proper operation.
PVCC1
This is the positive supply for the lower gate driver, LGATE1.
PVCC1 is connected to a well decoupled 5V.
SENSE1 and SENSE2
Both SENSE1 and SENSE2 are connected directly to the
regulated outputs of the VDDQ and VTT supplies,
respectively. SENSE1 is used as an input to create the
voltage at VREF_OUT and the reference voltage for the VTT
supply. SENSE2 is used as the regulation point for the
window regulator that is enabled in V2_SD mode.
Functional Description
Overview
The ISL6530 contains control and drive circuitry for two
synchronous buck PWM voltage regulators. Both regulators
utilize 5V bootstrapped output topology to allow use of low
cost N-channel MOSFETs. The regulators are driven by
300kHz clocks. The clocks are phase locked and displaced
90o to minimize noise coupling between the controllers.
The first regulator includes a precision 0.8V reference and is
intended to provide the proper VDDQ to a DDRAM memory
system. The VDDQ controller implements overcurrent
protection utilizing the rDS(ON) of the upper MOSFET.
Following a fault condition, the VDDQ regulator is softstarted
via a digital softstart circuit.
Included in the ISL6530 is a precision VREF reference
output. VREF is a buffered representation of .5xVDDQ. VREF
is derived via a precision internal resistor divider connected
to the SENSE1 terminal.
The second PWM regulator is designed to provide VTT
termination for the DDRAM signal lines. The reference to the
VTT regulator is VREF. Thus the VTT regulator provides a
termination voltage equal to .5xVDDQ. The drain of the upper
MOSFET of the VTT supply is connected to the regulated
VDDQ voltage. The VTT controller is designed to enable both
sinking and sourcing current on the VTT rail.
Two benefits result from the ISL6530 dual controller
topology. First, as VREF is always .5xVDDQ, the VTT supply
will track the VDDQ supply during softstart cycles. Second,
the overcurrent protection incorporated into the VDDQ supply
will simultaneously protect the VTT supply.
Initialization
The ISL6530 automatically initializes upon application of
input power. Special sequencing of the input supplies is not
necessary. The Power-On Reset (POR) function continually
monitors the input bias supply voltage at the VCC pin. The
POR function initiates soft-start operation after the 5V bias
supply voltage exceeds its POR threshold.
Soft-Start
The POR function initiates the digital soft start sequence. The
PWM error amplifier reference input for the VDDQ regulator is
clamped to a level proportional to the soft-start voltage. As the
soft-start voltage slews up, the PWM comparator generates
PHASE pulses of increasing width that charge the output
capacitor(s). This method provides a rapid and controlled
output voltage rise. The soft start sequence typically takes
about 7ms.
With the VTT regulator reference held at
it will
automatically track the ramp of the VDDQ softstart, thus
enabling a soft-start for VTT.
Figure 2 shows the soft-start sequence for a typical application.
At t0, the +5V VCC bias voltage starts to ramp. Once the
voltage on VCC crosses the POR threshold at time t1, both
outputs begin their soft-start sequence. The triangle waveforms
from the PWM oscillators are compared to the rising error
amplifier output voltage. As the error amplifier voltage
increases, the pulse-widths on the UGATE pins increase to
reach their steady-state duty cycle at time t2.
1
2
--- V
DDQ
ISL6530


Similar Part No. - ISL6530CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6530CBZ RENESAS-ISL6530CBZ Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results

Similar Description - ISL6530CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
   Synchronous Buck Pulse-Width Modulator PWM Controller
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com