Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2186L Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP-2186L
Description  DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186L Datasheet(HTML) 2 Page - Analog Devices

  ADSP-2186L_15 Datasheet HTML 1Page - Analog Devices ADSP-2186L_15 Datasheet HTML 2Page - Analog Devices ADSP-2186L_15 Datasheet HTML 3Page - Analog Devices ADSP-2186L_15 Datasheet HTML 4Page - Analog Devices ADSP-2186L_15 Datasheet HTML 5Page - Analog Devices ADSP-2186L_15 Datasheet HTML 6Page - Analog Devices ADSP-2186L_15 Datasheet HTML 7Page - Analog Devices ADSP-2186L_15 Datasheet HTML 8Page - Analog Devices ADSP-2186L_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADSP-2186L
–2–
REV. B
The ADSP-2186L’s flexible architecture and comprehensive
instruction set allow the processor to perform multiple opera-
tions in parallel. In one processor cycle the ADSP-2186L can:
• Generate the next program address
• Fetch the next instruction
• Perform one or two data moves
• Update one or two data address pointers
• Perform a computational operation
This takes place while the processor continues to:
• Receive and transmit data through the two serial ports
• Receive and/or transmit data through the internal DMA port
• Receive and/or transmit data through the byte DMA port
• Decrement timer
Development System
The ADSP-2100 Family Development Software, a complete set
of tools for software and hardware system development, sup-
ports the ADSP-2186L. The Assembler has an algebraic syntax
that is easy to program and debug. The Linker combines object
files into an executable file. The Simulator provides an interactive
instruction- level simulation with a reconfigurable user interface
to display different portions of the hardware environment. A
PROM Splitter generates PROM programmer compatible
files. The C Compiler, based on the Free Software Foundation’s
GNU C Compiler, generates ADSP-2186L assembly source
code. The source code debugger allows programs to be cor-
rected in the C environment. The Runtime Library includes over
100 ANSI-standard mathematical and DSP-specific functions.
The EZ-KIT Lite is a hardware/software kit offering a complete
development environment for the ADSP-218x family: an ADSP-
218x-based evaluation board with PC monitor software plus
Assembler, Linker, Simulator, and PROM Splitter software.
The ADSP-218x EZ-KIT Lite is a low-cost, easy-to-use hard-
ware platform on which you can quickly get started with your
DSP software design. The EZ-KIT Lite includes the following
features:
• 75 MHz ADSP-2189M
• Full 16-bit Stereo Audio I/O with AD73322 Codec
• RS-232 Interface
• EZ-ICE Connector for Emulator Control
• DSP Demo Programs
• Evaluation Suite of Visual DSP
The ADSP-218x EZ-ICE Emulator aids in the hardware debug-
ging of an ADSP-2186L system. The emulator consists of hard-
ware, host computer resident software, and the target board
connector. The ADSP-2186L integrates on-chip emulation
support with a 14-pin ICE-Port interface. This interface provides a
simpler target board connection that requires fewer mechanical
clearance considerations than other ADSP-2100 Family EZ-ICEs.
The ADSP-2186L device need not be removed from the target
system when using the EZ-ICE, nor are any adapters needed. Due
to the small footprint of the EZ-ICE connector, emulation can
be supported in final board designs.
The EZ-ICE performs a full range of functions, including:
• In-target operation
• Up to 20 breakpoints
• Single-step or full-speed operation
• Registers and memory values can be examined and altered
• PC upload and download functions
• Instruction-level emulation of program booting and execution
• Complete assembly and disassembly of instructions
• C source-level debugging
See Designing An EZ-ICE-Compatible Target System in the
ADSP-2100 Family EZ-Tools Manual (ADSP-2181 sections), as
well as the Target Board Connector for EZ-ICE Probe section
of this data sheet, for the exact specifications of the EZ-ICE
target board connector.
Additional Information
This data sheet provides a general overview of ADSP-2186L
functionality. For additional information on the architecture and
instruction set of the processor, refer to the ADSP-218x DSP
Hardware Reference. For more information about the develop-
ment tools, refer to the ADSP-2100 Family Development Tools
Data Sheet.
ARCHITECTURE OVERVIEW
The ADSP-2186L instruction set provides flexible data moves
and multifunction (one or two data moves with a computation)
instructions. Every instruction can be executed in a single pro-
cessor cycle. The ADSP-2186L assembly language uses an alge-
braic syntax for ease of coding and readability. A comprehensive
set of development tools supports program development.
TIMER
DATA ADDRESS
GENERATORS
DAG 2
DAG 1
SERIAL PORTS
SPORT 1
SPORT 0
8K
16
DATA
MEMORY
8K
24
PROGRAM
MEMORY
DATA MEMORY DATA
DATA MEMORY ADDRESS
PROGRAMMABLE
I/O
AND
FLAGS
BYTE DMA
CONTROLLER
MEMORY
ADSP-2100 BASE
ARCHITECTURE
SHIFTER
MAC
ALU
ARITHMETIC UNITS
POWER-DOWN
CONTROL
PROGRAM
SEQUENCER
PROGRAM MEMORY ADDRESS
PROGRAM MEMORY DATA
EXTERNAL
DATA
BUS
EXTERNAL
ADDRESS
BUS
INTERNAL
DMA
PORT
EXTERNAL
DATA
BUS
OR
FULL MEMORY
MODE
HOST MODE
Figure 1. Block Diagram
Figure 1 is an overall block diagram of the ADSP-2186L. The
processor contains three independent computational units: the
ALU, the multiplier/accumulator (MAC) and the shifter. The
computational units process 16-bit data directly and have provi-
sions to support multiprecision computations. The ALU per-
forms a standard set of arithmetic and logic operations; division
primitives are also supported. The MAC performs single-cycle
multiply, multiply/add and multiply/subtract operations with
40 bits of accumulation. The shifter performs logical and arith-
metic shifts, normalization, denormalization and derive expo-
nent operations.
The shifter can be used to efficiently implement numeric
format control including multiword and block floating-point
representations.
The internal result (R) bus connects the computational units so
the output of any unit may be the input of any unit on the
next cycle.
SoundPort and EZ-ICE are registered trademarks of Analog Devices, Inc.


Similar Part No. - ADSP-2186L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2186L1111 AD-ADSP-2186L1111 Datasheet
272Kb / 36P
   DSP Microcomputer
REV. B
More results

Similar Description - ADSP-2186L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com