Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6504ACB-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6504ACB-T
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6504ACB-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6504ACB-T Datasheet HTML 6Page - Intersil Corporation ISL6504ACB-T Datasheet HTML 7Page - Intersil Corporation ISL6504ACB-T Datasheet HTML 8Page - Intersil Corporation ISL6504ACB-T Datasheet HTML 9Page - Intersil Corporation ISL6504ACB-T Datasheet HTML 10Page - Intersil Corporation ISL6504ACB-T Datasheet HTML 11Page - Intersil Corporation ISL6504ACB-T Datasheet HTML 12Page - Intersil Corporation ISL6504ACB-T Datasheet HTML 13Page - Intersil Corporation ISL6504ACB-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN9062.2
April 13, 2004
During sleep-to-active state transitions from conditions
where the 5VDUAL output is initially 0V (such as S5 to S0
transition, or simple power-up sequence directly into active
state), the circuit goes through a quasi soft-start, the
5VDUAL output being pulled high through the body diode of
the N-Channel MOSFET connected between it and the 5V
ATX. Figure 9 exemplifies this start-up case. 5VSB is already
present when the main ATX outputs are turned on, at time
T0. As a result of +5VIN ramping up, the 5VDUAL output
capacitors charge up through the body diode of Q4 (see
Typical Application). At time T1, all main ATX outputs
exceed the ISL6504/A’s undervoltage thresholds, and the
internal 25ms (typical) timer is initiated. At T2, the time-out
initiates a soft-start, and the 1.2V voltage ID output is
ramped-up, reaching regulation limits at time T3.
Simultaneous with the beginning of this ramp-up, at time T2,
the DLA pin is released, allowing the pull-up resistor to turn
on Q2 and Q4, and bring the 5VDUAL output in regulation.
Shortly after time T3, as the SS voltage reaches 2.75V, the
soft-start capacitor is quickly discharged down to
approximately 2.45V, where it remains until a valid sleep
state request is received from the system.
Fault Protection
All the outputs are monitored against undervoltage events. A
severe overcurrent caused by a failed load on any of the
outputs, would, in turn, cause that specific output to
suddenly drop. If any of the output voltages drops below
80% (typical) of their set value, such event is reported by
having the FAULT pin pulled to 5V. Additionally, exceeding
the maximum current rating of an integrated regulator
(output with pass regulator on chip) can lead to output
voltage drooping; if excessive, this droop can ultimately trip
the undervoltage detector and send a FAULT signal to the
computer system.
A FAULT condition occurring on an output when controlled
through an external pass transistor will only set off the
FAULT flag, and it will not shut off or latch off any part of the
circuit. A FAULT condition occurring on an output controlled
through an internal pass transistor, will set off the FAULT
flag, and it will shut off the respective faulting regulator only.
If shutdown or latch off of the entire circuit is desired in case
of a fault, regardless of the cause, this can be achieved by
externally pulling or latching the SS pin low. Pulling the SS
pin low will also force the FAULT pin to go low and reset any
internally latched-off output.
Special consideration is given to the initial start-up
sequence. If, following a 5VSB POR event, any of the
1.5VSB or 3.3VDUAL/3.3VSB outputs is ramped up and is
subject to an undervoltage event before the end of the
second soft-start ramp, then the FAULT output goes high
and the entire IC latches off. Latch-off condition can be reset
by cycling the bias power (5VSB). Undervoltage events on
the 1.5VSB and the 3.3VDUAL/3.3VSB outputs at any other
times are handled according to the description found in the
second paragraph under the current heading.
Another condition that could set off the FAULT flag is chip
overtemperature. If the ISL6504/A reaches an internal
temperature of 140oC (typical), the FAULT flag is set, but the
chip continues to operate until the temperature reaches
155oC (typical), when unconditional shutdown of all outputs
takes place. Operation resumes only after powering down
the IC (to create a 5VSB POR event) and a start-up
(assuming the cause of the fault has been removed; if not,
as it heats up again, it will repeat the FAULT cycle).
In ISL6504/A applications, loss of the active ATX output
(3.3VIN; as detected by the on-board voltage monitor) during
active state operation causes the chip to switch to S5 sleep
state, in addition to reporting the input UV condition on the
FAULT pin. Exiting from this forced S5 state can only be
achieved by returning the faulting input voltage above its UV
threshold, by resetting the chip through removal of 5VSB
bias voltage, or by bringing the SS pin at a potential lower
than 0.8V.
Application Guidelines
Soft-Start Interval
The 5VSB output of a typical ATX supply is capable of
725mA, with newer models rated for 1.0A, and even 2.0A.
During power-up in a sleep state, the 5VSB ATX output
needs to provide sufficient current to charge up all the
applicable output capacitors and, simultaneously, provide
some amount of current to the output loads. Drawing
FIGURE 9. SOFT-START INTERVAL IN ACTIVE STATE
0V
0V
TIME
OUTPUT
(1V/DIV)
VOLTAGES
T1
T2
T3
T0
INPUT VOLTAGES
(2V/DIV)
+5VIN
+12VIN
+5VSB
VOUT1 (1.5VSB)
VOUT3 (3.3VDUAL/3.3VSB)
VOUT4 (5VDUAL)
DLA PIN
(2V/DIV)
+3.3VIN
VOUT2 (1.2VVID)
SOFT-START
(1V/DIV)
ISL6504, ISL6504A


Similar Part No. - ISL6504ACB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6504ACB RENESAS-ISL6504ACB Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504ACBN RENESAS-ISL6504ACBN Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504ACBNZ RENESAS-ISL6504ACBNZ Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504ACBZ RENESAS-ISL6504ACBZ Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - ISL6504ACB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com