Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6529ACRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6529ACRZ
Description  Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6529ACRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6529ACRZ Datasheet HTML 1Page - Intersil Corporation ISL6529ACRZ Datasheet HTML 2Page - Intersil Corporation ISL6529ACRZ Datasheet HTML 3Page - Intersil Corporation ISL6529ACRZ Datasheet HTML 4Page - Intersil Corporation ISL6529ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6529ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6529ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6529ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6529ACRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN9127.1
December 28, 2004
ISL6529A
Absolute Maximum Ratings
Thermal Information
UGATE, LGATE, DRIVE2, . . . . . . . . . . . . . . . GND - 0.3V to 12VCC
5VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +7V
12VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14V
FB, FB2, COMP, . . . . . . . . . . . . . . . . . GND - 0.3V to 5VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 4kV
Operating Conditions
Supply Voltage on 5VCC . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±10%
Supply Voltage on 12VCC . . . . . . . . . . . . . . . . . . . . . . . +12V ±10%
Supply Voltage to drain of Upper MOSFETs . . . +3.3V to +5V ±10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance
θJA (oC/W)
θJC
SOIC Package (Note 1) . . . . . . . . . . . . . .
68
N/A
QFN Package (Note 2, 3). . . . . . . . . . . . . .
36
6
Maximum Junction Temperature
(Plastic Package) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . -65oC to 150oC
Maximum Lead Temperature
(Soldering 10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams, and Typical Application Schematic
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current 12VCC
ICC
UGATE, LGATE and DRIVE2 Open
-
2.7
3.0
mA
Nominal Supply Current 5VCC
ICC
UGATE, LGATE and DRIVE2 Open
-
3.5
4.5
mA
POWER-ON RESET
Rising 5VCC Threshold
12VCC = 12V
4.25
4.4
4.5
V
Falling 5VCCThreshold
12VCC = 12V
3.75
3.82
4.0
V
Rising 12VCC Threshold
5VCC = 5V
9.6
10.3
10.8
V
Falling 12VCCThreshold
5VCC = 5V
9.3
9.6
10.2
V
OSCILLATOR AND SOFT-START
Free Running Frequency
FOSC
550
600
650
kHz
Ramp Amplitude
DVOSC
-1.5
-
VP-P
Soft-Start Interval
TSS
3.1
3.45
3.75
ms
REFERENCE VOLTAGE
Reference Voltage
VREF
-0.800
-
V
System Accuracy
For the ISL6529AC
-1.0
-
+1.0
%
PWM CONTROLLER ERROR AMPLIFIER
DC Gain
RL = 10k, CL = 10pf
-
80
-
dB
Gain-Bandwidth Product
GBWP
RL = 10k, CL = 10pf
-
15
-
MHz
Slew Rate
SR
RL = 10k, CL = 10pf
-
6
-
V/
µs
FB Input Current
I
I
VFB = 0.8V
-
20
150
nA
COMP High Output Voltage
VOUT High
3.0
4.5
-
V
COMP Low Output Voltage
VOUT Low
-
0.5
1.0
V
COMP High Output, Source Current
IOUT High
-2.5
-3.3
-
mA
COMP Low Output, Sink Current
IOUT Low
3.5
5.0
-
mA
Undervoltage Level (VFB/VREF)VUV
-
51.5
-
%


Similar Part No. - ISL6529ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529ACRZ INTERSIL-ISL6529ACRZ Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529ACRZ RENESAS-ISL6529ACRZ Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
Intersil Corporation
ISL6529ACRZ-T INTERSIL-ISL6529ACRZ-T Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6529ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com