Electronic Components Datasheet Search |
|
ADSP-21061 Datasheet(PDF) 9 Page - Analog Devices |
|
ADSP-21061 Datasheet(HTML) 9 Page - Analog Devices |
9 / 52 page ADSP-21061/ADSP-21061L Rev. D | Page 9 of 52 | May 2013 PIN FUNCTION DESCRIPTIONS ADSP-21061 pin definitions are listed below. All pins are identi- cal on the ADSP-21061 and ADSP-21061L. Inputs identified as synchronous (S) must meet timing requirements with respect to CLKIN (or with respect to TCK for TMS, TDI). Inputs identi- fied as asynchronous (A) can be asserted asynchronously to CLKIN (or to TCK for TRST). Unused inputs should be tied or pulled to VDD or GND, except for ADDR31-0, DATA47-0, FLAG3-0, SW, and inputs that have internal pull-up or pull-down resistors (CPA, ACK, DTx, DRx, TCLKx, RCLKx, TMS, and TDI)—these pins can be left float- ing. These pins have a logic-level hold circuit that prevents the input from floating internally. Table 2. Pin Descriptions Pin Type Function ADDR31–0 I/O/T External Bus Address. The ADSP-21061 outputs addresses for external memory and peripherals on these pins. In a multiprocessor system the bus master outputs addresses for read/write of the internal memory or IOP registers of other ADSP-21061s. The ADSP-21061 inputs addresses when a host processor or multipro- cessing bus master is reading or writing its internal memory or IOP registers. DATA47–0 I/O/T External Bus Data. The ADSP-21061 inputs and outputs data and instructions on these pins. 32-bit single- precision floating-point data and 32-bit fixed-point data is transferred over Bits 47 to 16 of the bus. 40-bit extended-precision floating-point data is transferred over Bits 47 to 8 of the bus. 16-bit short word data is transferred over Bits 31 to 16 of the bus. In PROM boot mode, 8-bit data is transferred over Bits 23 to 16. Pull- up resistors on unused DATA pins are not necessary. MS3–0 O/T Memory Select Lines. These lines are asserted (low) as chip selects for the corresponding banks of external memory. Memory bank size must be defined in the ADSP-21061’s system control register (SYSCON). The MS3–0 lines are decoded memory address lines that change at the same time as the other address lines. When no external memory access is occurring the MS3–0 lines are inactive; they are active however when a conditional memory access instruction is executed, whether or not the condition is true. MS0 can be used with the PAGE signal to implement a bank of DRAM memory (Bank 0). In a multiprocessing system the MS3–0 lines are output by the bus master. RD I/O/T Memory Read Strobe. This pin is asserted (low) when the ADSP-21061 reads from external memory devices or from the internal memory of other ADSP-21061s. External devices (including other ADSP-21061s) must assert RD to read from the ADSP-21061’s internal memory. In a multiprocessing system RD is output by the bus master and is input by all other ADSP-21061s. WR I/O/T Memory Write Strobe. This pin is asserted (low) when the ADSP-21061 writes to external memory devices or to the internal memory of other ADSP-21061s. External devices must assert WR to write to the ADSP-21061’s internal memory. In a multiprocessing system WR is output by the bus master and is input by all other ADSP-21061s. PAGE O/T DRAM Page Boundary. The ADSP-21061 asserts this pin to signal that an external DRAM page boundary has been crossed. DRAM page size must be defined in the ADSP-21061’s memory control register (WAIT). DRAM can only be implemented in external memory Bank 0; the PAGE signal can only be activated for Bank 0 accesses. In a multiprocessing system PAGE is output by the bus master. ADRCLK O/T Clock Output Reference. In a multiprocessing system ADRCLK is output by the bus master. SW I/O/T Synchronous Write Select. This signal is used to interface theADSP-21061to synchronousmemorydevices (including other ADSP-21061s). The ADSP-21061 asserts SW (low) to provide an early indication of an impending write cycle, which can be aborted if WR is not later asserted (e.g., in a conditional write instruction). In a multiprocessing system, SW is output by the bus master and is input by all other ADSP-21061s to determine if the multiprocessor memory access is a read or write. SWis asserted at the same time as the address output. A host processor using synchronous writes must assert this pin when writing to the ADSP-21061(s). A = Asynchronous, G = Ground, I = Input, O = Output, P = Power Supply, S = Synchronous, (A/D) = Active Drive, (O/D) = Open-Drain, T = Three-State (when SBTS is asserted, or when the ADSP-21061 is a bus slave) |
Similar Part No. - ADSP-21061_15 |
|
Similar Description - ADSP-21061_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |