Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6529CBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6529CBZ
Description  Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6529CBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6529CBZ Datasheet HTML 7Page - Intersil Corporation ISL6529CBZ Datasheet HTML 8Page - Intersil Corporation ISL6529CBZ Datasheet HTML 9Page - Intersil Corporation ISL6529CBZ Datasheet HTML 10Page - Intersil Corporation ISL6529CBZ Datasheet HTML 11Page - Intersil Corporation ISL6529CBZ Datasheet HTML 12Page - Intersil Corporation ISL6529CBZ Datasheet HTML 13Page - Intersil Corporation ISL6529CBZ Datasheet HTML 14Page - Intersil Corporation ISL6529CBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN9070.5
April 12, 2005
Figure
8 shows an asymptotic plot of the DC-DC converter’s
gain vs. frequency. The actual modulator gain has a high
gain peak dependent on the quality factor (Q) of the output
filter, which is not shown in Figure
8. Using the above
procedure should yield a compensation gain similar to the
curve plotted. The open loop error amplifier gain bounds the
compensation gain. Check the compensation gain at FP2
with the capabilities of the error amplifier.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW)
overall loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin.
Linear Regulator Compensation
The linear regulator in the ISL6529 is not internally
compensated and therefore allows the user to optimize
regulator performance with regard to transient load
response. Although the compensation network shown in the
application examples in this data sheet provide conservative
compensation for a variety of loads, performance can be
enhanced with attention to load requirements.
Low ESR capacitors can cause stability concerns in discrete
IC regulators. Even regulators that are internally
compensated can become unstable when these capacitors
are placed across their output. There have been suggestions
to add series resistance to these capacitors to stabilize the
regulator. This approach seems self defeating and throws
away a desirable quality.
Component Considerations
Many unsuspected poles and zeros develop with the
selection of external components and operating conditions
like output MOSFET transistors, output filter capacitors and
load current. These elements will be discussed beginning
with the influence of the MOSFET series output resistance,
the 1/gfs term shown in Figure 7. At low load currents and
low transconductance, the effective output resistance can be
as high as several kilohms. The low MOSFET gfs with
accompanying high series resistance and large values of
output capacitance form a low frequency pole that for many
cases becomes the dominate pole in the system and often
results in a stable no load system. As the load current is
increased, the MOSFET series output resistance is reduced
and moves the output pole into a higher frequency region,
adding phase shift that can result in a marginally stable or
unstable system.
Low output capacitor ESR can result in stability problems as
mentioned above. In contrast, high output capacitor ESR
can improve the system stability. The capacitor and its series
resistance function as a zero, often canceling other poles in
the loop. Figure 9 shows a system simulation with a 300
µF,
100m
Ω high ESR output capacitor. A single 10pF capacitor
from input to output of the error amplifier stabilizes the
system for load currents through the 1mA to 3A range.
Contrast this with Figure 10 that shows a Bode plot of
simulations of this regulator operating with a 100
µF, 5mΩ
low ESR output capacitor. Note the phase approaching 180°
at high current. This is in contrast to the response previously
shown with the 300
µF high ESR capacitor. The 300µF
output capacitor and its ESR provide phase lead to cancel or
offset the pole formed with the MOSFET output resistance
and 300
µF capacitance. Also notice that system stability
varies widely with load current. A system can oscillate at no
load and be stable at full load, The converse is also possible.
Oscillation can also occur at load currents between the
current extremes.
FIGURE 8. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
MODULATOR
GAIN
LOOP GAIN
20
V
IN
V
OSC
------------------



log
20
R2
R1
---------


log
10
1K
100
10K
100K
1M
10M
FREQUENCY (Hz)
80
60
40
20
0
0
-50
-150
-100
-200
1mA
1mA
55mA
3A
3A
3A
55m
A
1mA
BODE PLOT OF COMPENSATED REGULATOR AT 3 OUTPUT CURRENTS
OUTPUT CAPACITOR
300
µF, 100mΩ
FIGURE 9. LOOP RESPONSE WITH ONLY C16 = 10pF
COMPENSATION
ISL6529, ISL6529A


Similar Part No. - ISL6529CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6529CBZ RENESAS-ISL6529CBZ Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
More results

Similar Description - ISL6529CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com