Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6530CBZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6530CBZ-T
Description  Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6530CBZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6530CBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6530CBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6530CBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6530CBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6530CBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6530CBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6530CBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6530CBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6530CBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
ISL6530
Dual 5V Synchronous Buck Pulse-Width
Modulator (PWM) Controller for DDRAM
Memory VDDQ and VTT Termination
The ISL6530 provides complete control and protection for
dual DC-DC converters optimized for high-performance
DDRAM memory applications. It is designed to drive low
cost N-channel MOSFETs in synchronous-rectified buck
topology to efficiently generate 2.5V VDDQ for powering
DDRAM memory, VREF for DDRAM differential signalling,
and VTT for signal termination. The ISL6530 integrates all of
the control, output adjustment, monitoring and protection
functions into a single package.
The VDDQ output of the converter is maintained at 2.5V
through an integrated precision voltage reference. The VREF
output is precisely regulated to 1/2 the memory power
supply, with a maximum tolerance of
±1% over temperature
and line voltage variations. VTT accurately tracks VREF.
During V2_SD sleep mode, the VTT output is maintained by
a low power window regulator.
The ISL6530 provides simple, single feedback loop, voltage-
mode control with fast transient response. It includes two
phase-locked 300kHz triangle-wave oscillators which are
displaced 90o to minimize interference between the two
PWM regulators. The regulators feature error amplifiers with
a 15MHz gain-bandwidth product and 6V/
µs slew rate which
enables high converter bandwidth for fast transient
performance. The resulting PWM duty ratio ranges from 0%
to 100%.
The ISL6530 protects against over-current conditions by
inhibiting PWM operation. The ISL6530 monitors the current
in the VDDQ regulator by using the rDS(ON) of the upper
MOSFET which eliminates the need for a current sensing
resistor.
Ordering Information
Features
• Provides VDDQ, VREF, and VTT voltages for one- and two-
channel DDRAM memory systems
• Excellent voltage regulation
-VDDQ = 2.5V ±2% over full operating range
-VREF = (VDDQ÷2) ±1% over full operating range
-VTT = VREF ± 30mV
• Supports ‘S3’ sleep mode
-VTT is held at VDDQ÷2 via low power window regulator
to minimize wake-up time
• Fast transient response
- Full 0% to 100% duty ratio
• Operates from +5V input
• Overcurrent fault monitor on VDD
- Does not require extra current sensing element
- Uses MOSFET’s rDS(ON)
• Drives inexpensive N-Channel MOSFETs
• Small converter size
- 300kHz fixed frequency oscillator
• 24 Lead, SOIC or 32 Lead, 5mm
×5mm QFN
Pb-Free Available (RoHS Compliant)
Applications
•VDDQ, VTT, and VREF regulation for DDRAM memory
systems
- Main Memory in AMD® Athlon™ and K8™, Pentium®
III, Pentium IV, Transmeta, PowerPC™, AlphaPC™, and
UltraSparc® based computer systems
- Video memory in graphics systems
• High-power tracking DC-DC regulators
PART NUMBER
TEMP
RANGE(oC)
PACKAGE
PKG.
DWG. #
ISL6530CB*
0 to 70
24 Lead SOIC
M24.3
ISL6530CBZ*
(See Note)
0 to 70
24 Lead SOIC
(Pb-free)
M24.3
ISL6530CR*
0 to 70
32 Lead 5x5 QFN
L32.5x5
ISL6530CRZ*
(See Note)
0 to 70
32 Lead 5x5 QFN
(Pb-free)
L32.5x5
ISL6530EVAL1, 2
Evaluation Board
* Add “-T” suffix for tape and reel option.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which are
RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
Data Sheet
November 15, 2004
FN9052.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6530CBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6530CBZ RENESAS-ISL6530CBZ Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results

Similar Description - ISL6530CBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
   Synchronous Buck Pulse-Width Modulator PWM Controller
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com