Electronic Components Datasheet Search |
|
ADSP-21160M Datasheet(PDF) 5 Page - Analog Devices |
|
ADSP-21160M Datasheet(HTML) 5 Page - Analog Devices |
5 / 60 page ADSP-21160M/ADSP-21160N Rev. C | Page 5 of 60 | February 2013 enabled, the same instruction is executed in both processing ele- ments, but each processing element operates on different data. This architecture is efficient at executing math-intensive DSP algorithms. Entering SIMD mode also has an effect on the way data is trans- ferred between memory and the processing elements. In SIMD mode, twice the data bandwidth is required to sustain computa- tional operation in the processing elements. Because of this requirement, entering SIMD mode also doubles the bandwidth between memory and the processing elements. When using the DAGs to transfer data in SIMD mode, two data values are trans- ferred with each access of memory or the register file. Independent, Parallel Computation Units Within each processing element is a set of computational units. The computational units consist of an arithmetic/logic unit (ALU), multiplier, and shifter. These units perform single-cycle instructions. The three units within each processing element are arranged in parallel, maximizing computational throughput. Single multifunction instructions execute parallel ALU and multiplier operations. In SIMD mode, the parallel ALU and multiplier operations occur in both processing elements. These computation units support IEEE 32-bit single-precision float- ing-point, 40-bit extended-precision floating-point, and 32-bit fixed-point data formats. Data Register File A general-purpose data register file is contained in each pro- cessing element. The register files transfer data between the computation units and the data buses, and store intermediate results. These 10-port, 32-register (16 primary, 16 secondary) register files, combined with the ADSP-2116x enhanced Harvard architecture, allow unconstrained data flow between computation units and internal memory. The registers in PEX are referred to as R0–R15 and in PEY as S0–S15. Single-Cycle Fetch of Instruction and Four Operands The processor features an enhanced Harvard architecture in which the data memory (DM) bus transfers data, and the pro- gram memory (PM) bus transfers both instructions and data (see the functional block diagram 1). With the ADSP-21160x DSP’s separate program and data memory buses and on-chip instruction cache, the processor can simultaneously fetch four operands and an instruction (from the cache), all in a single cycle. Instruction Cache The ADSP-21160x includes an on-chip instruction cache that enables three-bus operation for fetching an instruction and four data values. The cache is selective—only the instructions whose fetches conflict with PM bus data accesses are cached. This cache allows full-speed execution of core, providing looped operations, such as digital filter multiply- accumulates and FFT butterfly processing. Data Address Generators with Hardware Circular Buffers The ADSP-21160x DSP’s two data address generators (DAGs) are used for indirect addressing and provide for implementing circular data buffers in hardware. Circular buffers allow efficient programming of delay lines and other data structures required in digital signal processing, and are commonly used in digital filters and Fourier transforms. The two DAGs of the product contain sufficient registers to allow the creation of up to 32 cir- cular buffers (16 primary register sets, 16 secondary). The DAGs automatically handle address pointer wraparound, reducing overhead, increasing performance, and simplifying implemen- tation. Circular buffers can start and end at any memory location. Flexible Instruction Set The 48-bit instruction word accommodates a variety of parallel operations for concise programming. For example, the proces- sor can conditionally execute a multiply, an add, and subtract, in both processing elements, while branching, all in a single instruction. Figure 2. Single-Processor System 3 4 RESET JTAG 6 ADSP-21160X BMS CLOCK LINK DEVICES (6 MAX) (OPTIONAL) CS BOOT EPROM (OPTIONAL) ADDR MEMORY/ MAPPED DEVICES (OPTIONAL) OE DATA DMA DEVICE (OPTIONAL) DATA ADDR DATA HOST PROCESSOR INTERFACE (OPTIONAL) CS RDx PAGE CLKOUT ACK BR1–6 DMAR1–2 CLKIN IRQ2–0 LXCLK TCLK0 RPBA 4 CLK_CFG3–0 EBOOT LBOOT FLAG3–0 TIMEXP LXACK LXDAT7–0 DR0 DT0 RSF0 TFS0 RCLK0 TCLK1 DR1 DT1 RSF1 TFS1 RCLK1 ID2–0 SERIAL DEVICE (OPTIONAL) SERIAL DEVICE (OPTIONAL) PA REDY HBG HBR DMAG1–2 SBTS MS3–0 WRx DATA63–0 DATA ADDR CS ACK WE ADDR31–0 CIF BRST |
Similar Part No. - ADSP-21160M_15 |
|
Similar Description - ADSP-21160M_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |