Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6530CR-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6530CR-T
Description  Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6530CR-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6530CR-T Datasheet HTML 5Page - Intersil Corporation ISL6530CR-T Datasheet HTML 6Page - Intersil Corporation ISL6530CR-T Datasheet HTML 7Page - Intersil Corporation ISL6530CR-T Datasheet HTML 8Page - Intersil Corporation ISL6530CR-T Datasheet HTML 9Page - Intersil Corporation ISL6530CR-T Datasheet HTML 10Page - Intersil Corporation ISL6530CR-T Datasheet HTML 11Page - Intersil Corporation ISL6530CR-T Datasheet HTML 12Page - Intersil Corporation ISL6530CR-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN9052.2
November 15, 2004
One method that may be employed to bypass the internal
VTT reference generation is to supply an external reference
directly to the VREF_IN pin. When doing this the SENSE1 pin
must remain unconnected. Caution must be exercised when
using this method as the VTT regulator does not employ a
soft-start of its own.
A second method would be to overdrive the internal
resistors. Figure 4 shows how to implement this method. The
external resistors used to overdrive the internal resistors
should be less than 2k
Ω and have a tolerance of 1% or
better. This method still supplies a buffer between the
resistor network and any loading on the VREF pin. If there is
no loading on the VREF pin, then no buffering is necessary
and the reference voltage created by the resistor network
can be tied directly to VREF.
Converter Shutdown
Pulling and holding the OCSET/SD pin below 0.8V will
shutdown both regulators. During this state, PGOOD will be
held LOW. Upon release of the OCSET/SD pin, the IC enters
into a soft start cycle which brings both outputs back into
regulation.
Voltage Monitoring
The ISL6530 offers a PGOOD signal that will communicate
whether the regulation of both VDDQ and VTT are within
±15% of regulation, the V2_SD pin is held low and the bias
voltage of the IC is above the POR level. If all the criteria
above are true, the PGOOD pin will be at a high impedence
level. When one or more of the criteria listed above are false,
the PGOOD pin will be held low.
Overcurrent Protection
The overcurrent function protects the converter from a shorted
output by using the upper MOSFET on-resistance, rDS(ON), of
VDDQ to monitor the current. This method enhances the
converter’s efficiency and reduces cost by eliminating a
current sensing resistor.
The over-current function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor (ROCSET)
programs the overcurrent trip level (see Figure 1). An internal
40
µA (typical) current sink develops a voltage across ROCSET
that is referenced to VIN. When the voltage across the upper
MOSFET of VDDQ (also referenced to VIN) exceeds the
voltage across ROCSET , the overcurrent function initiates a
soft-start sequence.
Figure 5 illustrates the protection feature responding to an
over current event on VDDQ. At time T0, an over current
condition is sensed across the upper MOSFET of the VDDQ
regulator. As a result, both regulators are quickly shutdown
and the internal soft-start function begins producing soft-
start ramps. The delay interval seen by the output is
equivalent to three soft-start cycles. The fourth internal soft-
start cycle initiates a normal soft-start ramp of the output, at
time T1. Both outputs are brought back into regulation by
time t2, as long as the overcurrent event has cleared.
Had the cause of the overcurrent still been present after the
delay interval, the overcurrent condition would be sensed
and both regulators would be shut down again for another
delay interval of three soft-start cycles. The resulting hiccup
mode style of protection would continue to repeat
indefinitely.
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (40µA
typical). The OC trip point varies mainly due to the MOSFET
FIGURE 4. VTT REFERENCE OVERDRIVE
VREF
+
-
VREF_IN
SENSE1
TO ERROR
AMPLIFIER
ISL6530
VDDQ
RA
RB
FIGURE 5. OVERCURRENT PROTECTION RESPONSE
0V
TIME
VDDQ (2.5V)
T1
T0
T2
VTT (1.25V)
INTERNAL SOFT-START FUNCTION
DELAY INTERVAL
I
PEAK
I
OCSET x ROCSET
r
DS ON
()
-----------------------------------------------------
=
ISL6530


Similar Part No. - ISL6530CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6530CR RENESAS-ISL6530CR Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6530CRZ RENESAS-ISL6530CRZ Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results

Similar Description - ISL6530CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
   Synchronous Buck Pulse-Width Modulator PWM Controller
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com