Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6536AIBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6536AIBZ
Description  Four Channel Supervisory IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6536AIBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6536AIBZ Datasheet HTML 1Page - Intersil Corporation ISL6536AIBZ Datasheet HTML 2Page - Intersil Corporation ISL6536AIBZ Datasheet HTML 3Page - Intersil Corporation ISL6536AIBZ Datasheet HTML 4Page - Intersil Corporation ISL6536AIBZ Datasheet HTML 5Page - Intersil Corporation ISL6536AIBZ Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Pin Descriptions
ISL6536A
PIN NAME
FUNCTION DESCRIPTION
1
VDD
Bias IC from nominal 2.7V to 5V
2
PGOOD
PGOOD is the boolean AND function of all the UV inputs being satisfied. This is an open drain output and
can be pulled high to the appropriate level with an external resistor. Additionally a 20k
Ω pull up to VDD is
provided internally.
3
ENABLE
Enabling input for supervisory function. Has a 10µA pull-up to VDD
4
GND
IC ground
5-8
VMON1
VMON2
VMON3
VMON4
These inputs provide for a programmable monitored voltage threshold referenced to an internal 0.633V
reference with 1% accuracy. These inputs have a 30µs glitch filter to prevent transient upsets from being
recognized by PGOOD.
+
-
EN
VMON1
VMON2
VMON3
VMON4
20K
10µA
VDD
PGOOD
ISL6536A
633mV
FALLING EDGE
GLITCH FILTER
ISL6536A


Similar Part No. - ISL6536AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536IB INTERSIL-ISL6536IB Datasheet
160Kb / 6P
   Four Channel Supervisory IC
ISL6536IB-T INTERSIL-ISL6536IB-T Datasheet
160Kb / 6P
   Four Channel Supervisory IC
ISL6536IBZ INTERSIL-ISL6536IBZ Datasheet
160Kb / 6P
   Four Channel Supervisory IC
More results

Similar Description - ISL6536AIBZ

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6535 ANPEC-APL6535 Datasheet
665Kb / 13P
   Two-Channel Supervisory IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
   Four Channel Squib Driver IC
logo
Cirrus Logic
CS5467 CIRRUS-CS5467_07 Datasheet
750Kb / 46P
   Four-channel Power / Energy IC
CS5467 CIRRUS-CS5467 Datasheet
746Kb / 46P
   Four-channel Power/Energy IC
logo
Freescale Semiconductor...
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com