Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6550BIB Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6550BIB
Description  SAM Supervisor And Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6550BIB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6550BIB Datasheet HTML 2Page - Intersil Corporation ISL6550BIB Datasheet HTML 3Page - Intersil Corporation ISL6550BIB Datasheet HTML 4Page - Intersil Corporation ISL6550BIB Datasheet HTML 5Page - Intersil Corporation ISL6550BIB Datasheet HTML 6Page - Intersil Corporation ISL6550BIB Datasheet HTML 7Page - Intersil Corporation ISL6550BIB Datasheet HTML 8Page - Intersil Corporation ISL6550BIB Datasheet HTML 9Page - Intersil Corporation ISL6550BIB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN9036.4
January 18, 2005
VOLTAGE AMPLIFIER
Input Offset Voltage
All Conditions
-
-
3.0
mV
Input Bias Current
All Conditions
-
-
200
nA
Input Offset Current
All Conditions
-
20
50
nA
Open Loop Gain
All Conditions
85
-
-
dB
Common-Mode Rejection Ratio
Vin ranges from 0V to 6V
80
-
-
dB
Power Supply Rejection Ratio
1mA Load
90
-
-
dB
Output
2mA source or 0.2mA sink
1
-
5
V
Maximum Output Current Source
All
-2
-7
-
mA
Maximum Output Current Sink
All
0.2
3
-
mA
Slew Rate
All
4
-
-
v/
µs
Phase Margin
100pF load Condition
-
45
-
deg
Input Common Mode Voltage
0-
6
V
Gain-Bandwidth Product
All
7.4
-
-
MHz
MONITOR CIRCUITRY
Input Common Mode Range
OV, UV Comparators
0
-
6
V
Propagation Delay
OV, UV Comparators
-
-
1.0
µS
PGOOD, START Outputs
PGOOD Voltage Low
IPGOOD = 5.0mA
-
0.27
0.4
V
START Voltage Low
ISTART = 5.0mA
-
0.21
0.4
V
Transistor Breakdown Voltage
All Conditions
15
-
-
V
Transistor Leakage
All Conditions
-
-
5
µA
PEN
Input LPUL (Vih)
2-
-
V
Input MPDL (Vil)
--
0.8
V
Input Pull-Up Current
PEN = 0V
-15
-10
-
µA
Input Leakage Current
PEN = 5V
-
-
1
µA
OV/UV
UV and OV Threshold Hysteresis
% of (Vbdac-Vovuvth); logic options A, C
-
10
-
%
NOTES:
3. The total resistance of R1 + R2 + R3 of 50k
Ω is preferred to minimize error due to DACHI and DACLO input currents. Choose the values within
this limitation such that the voltages at DACHI and DACLO are those desired for the high and low limits of the programming range. For example,
Choosing R1 and R2 to be 15K and R3 to be 20K will produce a DAC range of 2.0V to 3.5V.
4. DAC Output Error as defined here assumes that the voltages applied to DACHI and DACLO are exact. The limits include errors introduced by
source impedance up to 12.5K and DACHI and DACLO. The error in Vdachi and Vdaclo (i.e. VREF5 error + external resistor divider error) must
be included to arrive at the total BDAC output error.
Electrical Specifications
TA = 25°C, and VDD = 12V, unless otherwise specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6550A, ISL6550C


Similar Part No. - ISL6550BIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551 INTERSIL-ISL6551 Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
logo
Intersil Corporation
ISL6551AB INTERSIL-ISL6551AB Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551AB-T INTERSIL-ISL6551AB-T Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
More results

Similar Description - ISL6550BIB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
   ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com