Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6552CR Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6552CR
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6552CR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6552CR Datasheet HTML 6Page - Intersil Corporation ISL6552CR Datasheet HTML 7Page - Intersil Corporation ISL6552CR Datasheet HTML 8Page - Intersil Corporation ISL6552CR Datasheet HTML 9Page - Intersil Corporation ISL6552CR Datasheet HTML 10Page - Intersil Corporation ISL6552CR Datasheet HTML 11Page - Intersil Corporation ISL6552CR Datasheet HTML 12Page - Intersil Corporation ISL6552CR Datasheet HTML 13Page - Intersil Corporation ISL6552CR Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Figure 3 shows the start-up sequence as initiated by a fast
rising 5V supply, VCC, applied to the ISL6552. Note the
short rise to the three state level in PWM 1 output during first
32 PWM cycles.
Figure 4 shows the waveforms when the regulator is
operating at 200kHz. Note that the Soft-Start duration is a
function of the channel frequency as explained previously.
Also note the pulses on the COMP terminal. These pulses
are the current correction signal feeding into the comparator
input (see the Block Diagram).
Figure 5 shows the regulator operating from an ATX supply.
In this figure, note the slight rise in PGOOD as the 5V supply
rises. The PGOOD output stage is made up of NMOS and
PMOS transistors. On the rising VCC, the PMOS device
becomes active slightly before the NMOS transistor pulls
“down”, generating the slight rise in the PGOOD voltage.
Note that Figure 5 shows the 12V gate driver voltage
available before the 5V supply to the ISL6552 has reached
its threshold level. If conditions were reversed and the 5V
supply was to rise first, the start-up sequence would be
different. In this case the ISL6552 will sense an over-current
condition due to charging the output capacitors. The supply
will then restart and go through the normal Soft-Start cycle.
Fault Protection
The ISL6552 protects the microprocessor and the entire
power system from damaging stress levels. Within the
ISL6552 both Over-Voltage and Over-Current circuits are
incorporated to protect the load and regulator.
Over-Voltage
The VSEN pin is connected to the microprocessor CORE
voltage. A CORE over-voltage condition is detected when
the VSEN pin goes more than 15% above the programmed
VID level.
The over-voltage condition is latched, disabling normal PWM
operation, and causing PGOOD to go low. The latch can
only be reset by lowering and returning VCC high to initiate a
POR and Soft-Start sequence.
During a latched over-voltage, the PWM outputs will be
driven either low or three state, depending upon the VSEN
input. PWM outputs are driven low when the VSEN pin
detects that the CORE voltage is 15% above the
programmed VID level. This condition drives the PWM
outputs low, resulting in the lower or synchronous rectifier
MOSFETs to conduct and shunt the CORE voltage to
ground to protect the load.
If after this event, the CORE voltage falls below the over-
voltage limit (plus some hysteresis), the PWM outputs will
three state. The HIP6601 family drivers pass the three state
information along, and shuts off both upper and lower
MOSFETs. This prevents “dumping” of the output capacitors
back through the lower MOSFETs, avoiding a possibly
PWM 1
PGOOD
VCORE
5V
OUTPUT
VCC
VIN = 12V
DELAY TIME
FIGURE 3. START-UP OF 4 PHASE SYSTEM OPERATING AT
500kHz
PGOOD
VCORE
5V
V COMP
VCC
VIN = 12V
DELAY TIME
FIGURE 4. START-UP OF 4 PHASE SYSTEM OPERATING AT
200kHz
12V ATX
SUPPLY
PGOOD
5 V ATX
VCORE
SUPPLY
ATX SUPPLY ACTIVATED BY ATX “PS-ON PIN”
VIN = 5V, CORE LOAD CURRENT = 31A
FIGURE 5. SUPPLY POWERED BY ATX SUPPLY
FREQUENCY 200kHz
ISL6552


Similar Part No. - ISL6552CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6552CR INTERSIL-ISL6552CR Datasheet
484Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6552CR RENESAS-ISL6552CR Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6552CRZ INTERSIL-ISL6552CRZ Datasheet
484Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6552CRZ RENESAS-ISL6552CRZ Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6552CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com