Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6550 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6550
Description  SAM Supervisor And Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6550 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6550 Datasheet HTML 3Page - Intersil Corporation ISL6550 Datasheet HTML 4Page - Intersil Corporation ISL6550 Datasheet HTML 5Page - Intersil Corporation ISL6550 Datasheet HTML 6Page - Intersil Corporation ISL6550 Datasheet HTML 7Page - Intersil Corporation ISL6550 Datasheet HTML 8Page - Intersil Corporation ISL6550 Datasheet HTML 9Page - Intersil Corporation ISL6550 Datasheet HTML 10Page - Intersil Corporation ISL6550 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN9036.4
January 18, 2005
ISL6550A, ISL6550C
Quad Flat No-Lead Plastic Package (QFN)
Micro Lead Frame Plastic Package (MLFP)
L20.5x5
20 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
0.02
0.05
-
A2
-
0.65
1.00
9
A3
0.20 REF
9
b
0.23
0.30
0.38
5, 8
D
5.00 BSC
-
D1
4.75 BSC
9
D2
2.95
3.10
3.25
7, 8
E
5.00 BSC
-
E1
4.75 BSC
9
E2
2.95
3.10
3.25
7, 8
e
0.65 BSC
-
k0.20
-
-
-
L
0.35
0.60
0.75
8
N20
2
Nd
5
3
Ne
5
3
P-
-
0.60
9
θ
--
12
9
Rev. 4 11/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land Pattern
Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
θ are present when
Anvil singulation method is used and not present for saw
singulation.
10. Compliant to JEDEC MO-220VHHC Issue I except for the "b"
dimension.


Similar Part No. - ISL6550

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551 INTERSIL-ISL6551 Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
logo
Intersil Corporation
ISL6551AB INTERSIL-ISL6551AB Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551AB-T INTERSIL-ISL6551AB-T Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
More results

Similar Description - ISL6550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
   ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com