Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6551IBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6551IBZ
Description  ZVS Full Bridge PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6551IBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6551IBZ Datasheet HTML 1Page - Intersil Corporation ISL6551IBZ Datasheet HTML 2Page - Intersil Corporation ISL6551IBZ Datasheet HTML 3Page - Intersil Corporation ISL6551IBZ Datasheet HTML 4Page - Intersil Corporation ISL6551IBZ Datasheet HTML 5Page - Intersil Corporation ISL6551IBZ Datasheet HTML 6Page - Intersil Corporation ISL6551IBZ Datasheet HTML 7Page - Intersil Corporation ISL6551IBZ Datasheet HTML 8Page - Intersil Corporation ISL6551IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
®
FN9066.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL6551
ZVS Full Bridge PWM Controller
The ISL6551 is a zero voltage switching (ZVS) full-bridge
PWM controller designed for isolated power systems. This
part implements a unique control algorithm for fixed-
frequency ZVS current mode control, yielding high efficiency
with low EMI. The two lower drivers are PWM-controlled on
the trailing edge and employ resonant delay while the two
upper drivers are driven at a fixed 50% duty cycle.
This IC integrates many features in both 6x6 mm2 QFN and
28-lead SOIC packages to yield a complete and
sophisticated power supply solution. Control features include
programmable soft-start for controlled start-up,
programmable resonant delay for zero voltage switching,
programmable leading edge blanking to prevent false
triggering of the PWM comparator due to the leading edge
spike of the current ramp, adjustable ramp for slope
compensation, drive signals for implementing synchronous
rectification in high output current, ultra high efficiency
applications, and current share support for paralleling up to
10 units, which helps achieve higher reliability and
availability as well as better thermal management. Protective
features include adjustable cycle-by-cycle peak current
limiting for overcurrent protection, fast short-circuit protection
(in hiccup mode), a latching shutdown input to turn off the IC
completely on output overvoltage conditions or other
extreme and undesirable faults, a non-latching enable input
to accept an enable command when monitoring the input
voltage and thermal condition of a converter, and VDD under
voltage lockout with hysteresis. Additionally, the ISL6551
includes high current high-side and low-side totem-pole
drivers to avoid additional external drivers for moderate gate
capacitance (up to 1.6nF at 1MHz) applications, an
uncommitted high bandwidth (10MHz) error amplifier for
feedback loop compensation, a precision bandgap reference
with ±1.5% (ISL6551AB) or ±1% (ISL6551IB) tolerance over
recommended operating conditions, and a ±5% “in
regulation” monitor.
In addition to the ISL6551, other external elements such as
transformers, pulse transformers, capacitors, inductors and
Schottky or synchronous rectifiers are required for a
complete power supply solution. A detailed 200W telecom
power supply reference design using the ISL6551 with
companion Intersil ICs, Supervisor And Monitor ISL6550 and
Half-bridge Driver HIP2100, is presented in Application Note
AN1002.
In addition, the ISL6551 can also be designed in push-pull
converters using all of the features except the two upper
drivers and adjustable resonant delay features.
Features
• High Speed PWM (up to 1MHz) for ZVS Full Bridge
Control
• Current Mode Control Compatible
• High Current High-Side and Low-Side Totem-Pole Drivers
• Adjustable Resonant Delay for ZVS
• 10MHz Error Amplifier Bandwidth
• Programmable Soft-Start
• Precision Bandgap Reference
• Latching Shutdown Input
• Non-latching Enable Input
• Adjustable Leading Edge Blanking
• Adjustable Dead Time Control
• Adjustable Ramp for Slope Compensation
• Fast Short-Circuit Protection (Hiccup Mode)
• Adjustable Cycle-by-Cycle Peak Current Limiting
• Drive Signals to Implement Synchronous Rectification
• VDD Under-voltage Lockout
• Current Share Support
• ±5% “In Regulation” Indication
• QFN Package:
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Full-Bridge and Push-Pull Converters
• Power Supplies for Off-line and Telecom/Datacom
• Power Supplies for High End Microprocessors and
Servers
Data Sheet
July 8, 2005


Similar Part No. - ISL6551IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
logo
Renesas Technology Corp
ISL6551IBZ RENESAS-ISL6551IBZ Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
More results

Similar Description - ISL6551IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
logo
Intersil Corporation
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
   ZVS Full Bridge PWM Controller
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com